Electronic Components Datasheet Search
  English  ▼

X  

MAX9031AXKT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9031AXKT
Description  Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9031AXKT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9031AXKT Datasheet HTML 1Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 2Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 3Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 4Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 5Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 6Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 7Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 8Page - Maxim Integrated Products MAX9031AXKT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MAX9030/MAX9031/MAX9032/MAX9034
Low-Cost, Ultra-Small, Single/Dual/Quad
Single-Supply Comparators
3
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, VCM = 0, VSHDN = +5V (Note 1), TA = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ISOURCE = 10µA
2
VOH = VDD - VOUT,
(VIN+ - VIN-)
≥ 20mV
ISOURCE = 4mA
165
400
ISINK = 10µA
2
Output Voltage-Swing
VOL, VOH
VOL = VOUT - VSS,
(VIN- - VIN+)
≥ 20mV
ISINK = 4mA
165
400
mV
Output Short-Circuit Current
ISC
45
mA
Shutdown Mode Output
Leakage
VSHDN
≤ (0.3 × VDD), VOUT = 0 to VDD
(Note 1)
±0.01
±3.5
µA
VOD = 10mV
228
Propagation Delay
tPD+, tPD -
RL = 10k
Ω,
CL = 15pF (Note 5)
VOD = 100mV
188
ns
Rise/Fall-Time
tR, tF
VDD = +5V, RL = 10k
Ω, CL = 15pF (Note 6)
20
ns
Shutdown Delay Time ON/OFF
(Note 1)
40
ns
Shutdown Delay Time OFF/ON
(Note 1)
400
ns
Power-On Time
RL = 10k
Ω, CL = 15pF
200
ns
Maximum Capacitive Load
CL
No sustained oscillations
150
pF
Note 1: MAX9030 only.
Note 2: All devices are production tested at +25°C. All temperature limits are guaranteed by design.
Note 3: Comparator Input Offset is defined as the center of the hysteresis zone.
Note 4: Hysteresis is defined as the difference of the trip points required to change comparator output states.
Note 5: VOD is the overdrive that is beyond the offset and hysteresis-determined trip points.
Note 6: Rise and fall times are measured between 10% and 90% at OUT.
Typical Operating Characteristics
(VDD = +5V, VSS = 0, VCM = 0, RL = 10kΩ, CL = 15pF, VOD= 100mV, TA = +25°C, unless otherwise noted.)
28
32
30
36
34
38
40
2.5
3.5
4.0
3.0
4.5
5.0
5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
32
34
33
36
35
37
38
-50
25
50
-25
0
75
100
125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
1000
10
10
100
OUTPUT TRANSITION FREQUENCY (Hz)
SUPPLY CURRENT
vs. OUTPUT TRANSITION FREQUENCY
100
1k
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com