Electronic Components Datasheet Search
  English  ▼

X  

2SCR574D Datasheet(PDF) 4 Page - Rohm

Part # 2SCR574D
Description  NPN 2.0A 80V Middle Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR574D Datasheet(HTML) 4 Page - Rohm

  2SCR574D Datasheet HTML 1Page - Rohm 2SCR574D Datasheet HTML 2Page - Rohm 2SCR574D Datasheet HTML 3Page - Rohm 2SCR574D Datasheet HTML 4Page - Rohm 2SCR574D Datasheet HTML 5Page - Rohm 2SCR574D Datasheet HTML 6Page - Rohm 2SCR574D Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SCR574D
     
Datasheet
l
lElectrical characteristic curves(Ta = 25°C)
Fig.5 Collector-Emitter Saturation Voltage vs.
Collector Current(I)
Fig.6 Collector-Emitter Saturation Voltage vs.
Collector Current(II)
Fig.7 Base-Emitter Saturation Voltage vs. Collector
Current
Fig.8 Gain Bandwidth Product vs. Emitter Current
                                                                                           
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
4/6
20131120 - Rev.001



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com