Electronic Components Datasheet Search
  English  ▼

X  

2SC5287 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SC5287
Description  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SC5287 Datasheet(HTML) 1 Page - Sanken electric

  2SC5287 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
134
Silicon NPN Triple Diffused Planar Transistor (High Voltage Switchihg Transistor)
Application : Switching Regulator and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
900
550
7
5(Pulse10)
2.5
80(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
Ratings
100max
100max
550min
10 to 25
0.5max
1.2max
6typ
50typ
Unit
µA
µA
V
V
V
MHz
pF
Conditions
VCB=800V
VEB=7V
IC=10mA
VCE=4V, IC=1.8A
IC=1.8A, IB=0.36A
IC=1.8A, IB=0.36A
VCE=12V, IE=–0.35A
VCB=10V, f=1MHz
2SC5287
(Ta=25°C)
(Ta=25°C)
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
t on•t stg•t f– I C Characteristics (Typical)
θj-a–t Characteristics
I C– V BE Temperature Characteristics (Typical)
VCE(sat),VBE(sat)–IC Temperature Characteristics (Typical)
Pc – T a Derating
Reverse Bias Safe Operating Area
Safe Operating Area (Single Pulse)
0.03
0.1
0.05
17
5
0.5
0
1.5
1.0
0.5
Collector Current I C(A)
V BE(sat)
V CE(sat)
I C/I B=5 Const.
0
7
5
6
4
3
2
1
0
1.0
0.5
Base-Emittor Voltage V BE(V)
(V CE=4V)
0.02
0.1
0.05
1
1 0
5
0.5
4
5
10
40
Collector Current I C(A)
(V CE=4V)
125˚C
25˚C
–55˚C
0.2
1
0.5
5
0.1
0.5
5
6
1
Collector Current I C(A)
t stg
t on
t f
V CC
250V
I C:I B1:I B2=1:0.15:–0.5
0.3
1
3
0.5
1
1 0
100
1000
Time t(ms)
80
60
40
20
3.5
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
Without Heatsink
50
500
1000
100
1
5
0.5
0.1
0.03
0.05
20
10
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
IB2=–1.0A
L=3mH
Duty:less than 1%
10
50
100
500
1
0.5
0.03
0.1
0.05
10
20
5
Collector-Emitter Voltage V CE(V)
100
µ
s
50
µ
s
0
0
2
1
5
3
4
2
13
4
Collector-Emitter Voltage V CE(V)
600mA
700mA
400mA
150mA
250mA
I B=50mA
Without Heatsink
Natural Cooling
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
250
RL
(
Ω)
139
IC
(A)
1.8
VBB2
(V)
–5
IB2
(A)
–0.9
ton
(
µs)
0.7max
tstg
(
µs)
4.0max
tf
(
µs)
0.5max
IB1
(A)
0.27
VBB1
(V)
10
External Dimensions MT-100(TO3P)
15.6±0.4
9.6
ø3.2±0.1
2
3
1.05
+0.2
-0.1
BE
5.45±0.1
5.45±0.1
C
4.8±0.2
0.65
+0.2
-0.1
1.4
2.0±0.1
a
b
Weight : Approx 6.0g
a. Part No.
b. Lot No.


Similar Part No. - 2SC5287

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SC5287 SANKEN-2SC5287 Datasheet
24Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)
logo
Savantic, Inc.
2SC5287 SAVANTIC-2SC5287 Datasheet
173Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC5287 JMNIC-2SC5287 Datasheet
187Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5287 ISC-2SC5287 Datasheet
158Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5287 SAVANTIC-2SC5287 Datasheet
175Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SC5287

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com