Electronic Components Datasheet Search
  English  ▼

X  

2SD2015 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SD2015
Description  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2015 Datasheet(HTML) 1 Page - Sanken electric

  2SD2015 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
141
Darlington
2SD2015
I C– V CE Characteristics (Typical)
h FE– I C Characteristics (Typical)
θj-a–t Characteristics
Pc – T a Derating
0
0
1
2
4
3
2
13
5
46
Collector-Emitter Voltage V CE(V)
IB=1mA
0.3mA
0.4mA
0.5mA
0.8mA
0.6mA
Safe Operating Area (Single Pulse)
4
1
0.1
0.5
0.03
50
500
100
1000
10000
20000
5000
Collector Current I C(A)
(V CE=4V)
10
50
5
200
100
0.03
0.05
0.1
1
0.5
10
5
Collector-Emitter Voltage V CE(V)
Without Heatsink
Natural Cooling
DC
100ms
10ms
1ms
0.5
1
5
1
1 0
100
1000
5
5 0
500
Time t(ms)
Typ
V CE(sat) – I B Characteristics (Typical)
0
3
2
1
0.2
5
1 0
1
100
50
Base Current I B(mA)
I C=4A
2A
1A
3A
300
µ
s
I C– V BE Temperature Characteristics (Typical)
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
0
3
4
2
1
h FE– I C Temperature Characteristics (Typical)
Collector Current I C(A)
0.05
0.03
0.5
1
4
0.1
100
50
500
1000
5000
10000
20000
(V CE=4V)
125˚C
25˚C
–30˚C
f T– I E Characteristics (Typical)
–0.02
–0.05 –0.1
–0.5
–1
–4
0
10
20
60
50
30
40
(V CE=12V)
Emitter Current I E(A)
Typ
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
With
Infinite
heatsink
Without Heatsink
150x150x2
50x50x2
10 0 x10
0 x2
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
Silicon NPN Triple Diffused Planar Transistor
Application : Driver for Solenoid, Relay and Motor and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
150
120
6
4
0.5
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Ratings
10max
10max
120min
2000min
1.5max
2.0max
40typ
40typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=150V
VEB=6V
IC=10mA
VCE=2V, IC=2A
IC=2A, IB=2mA
IC=2A, IB=2mA
VCE=12V, IE=–0.1A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
sTypical Switching Characteristics (Common Emitter)
VCC
(V)
40
RL
(
Ω)
20
IC
(A)
2
VBB2
(V)
–5
IB2
(mA)
–10
ton
(
µs)
0.6typ
tstg
(
µs)
5.0typ
tf
(
µs)
2.0typ
IB1
(mA)
10
VBB1
(V)
10
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(3k
Ω) (500Ω)
Equivalent
circuit


Similar Part No. - 2SD2015

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SD2015 SANKEN-2SD2015 Datasheet
26Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Driver for Solenoid, Relay and Motor and General Purpose)
logo
Savantic, Inc.
2SD2015 SAVANTIC-2SD2015 Datasheet
213Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD2015 JMNIC-2SD2015 Datasheet
77Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2015 ISC-2SD2015 Datasheet
126Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2015 SAVANTIC-2SD2015 Datasheet
214Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD2015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com