Electronic Components Datasheet Search
  English  ▼

X  

2SD2016 Datasheet(PDF) 1 Page - Sanken electric

Part # 2SD2016
Description  Silicon NPN Triple Diffused Planar Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

2SD2016 Datasheet(HTML) 1 Page - Sanken electric

  2SD2016 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
Darlington
2SD2016
I C– V BE Temperature Characteristics (Typical)
V CE(sat) – I B Characteristics (Typical)
Pc – T a Derating
0.03
0.1
1
0.5
3
5000
10000
1000
500
100
50
10
Collector Current I C(A)
(V CE=4V)
Safe Operating Area (Single Pulse)
125˚C
–55˚C
25˚C
0
3
2
1
02
1
Base-Emittor Voltage V BE(V)
(V CE=4V)
I C– V CE Characteristics (Typical)
0
0
1
2
3
2
13
4
Collector-Emitter Voltage V CE(V)
3mA
1.5mA
I B=0.3mA
0.5mA
1mA
0
3
2
1
0.2
1
3
Base Current I B(mA)
125˚C
25˚C
–55˚C
h FE– I C Temperature Characteristics (Typical)
h FE– I C Characteristics (Typical)
0.03
0.1
1
3
100
50
500
1000
10000
5000
Collector Current I C(A)
(V CE=4V)
0.5
θj-a–t Characteristics
0.5
1
5
1
1 0
100
1000
5
5 0
500
Time t(ms)
f T– I E Characteristics (Typical)
–0.01
–0.1
–1
–0.5
–0.05
–3
0
20
40
60
80
(V CE=12V)
Emitter Current I E(A)
30
20
10
2
0
0
2 5
5 0
7 5
100
125
150
Ambient Temperature Ta(˚C)
With
Infinite
heatsink
Without Heatsink
150x150x2
50x50x2
10 0 x10
0 x2
Natural Cooling
Silicone Grease
Heatsink: Aluminum
in mm
Silicon NPN Triple Diffused Planar Transistor
Application : Igniter, Relay and General Purpose
Symbol
VCBO
VCEO
VEBO
IC
IB
PC
Tj
Tstg
Ratings
200
200
6
3
0.5
25(Tc=25°C)
150
–55 to +150
Unit
V
V
V
A
A
W
°C
°C
sAbsolute maximum ratings
sElectrical Characteristics
Ratings
10max
10max
200min
1000 to 15000
1.5max
2.0max
90typ
40typ
Unit
µA
mA
V
V
V
MHz
pF
Conditions
VCB=200V
VEB=6V
IC=10mA
VCE=4V, IC=1A
IC=1A, IB=1.5mA
IC=1A, IB=1.5mA
VCE=12V, IE=–0.1A
VCB=10V, f=1MHz
(Ta=25°C)
(Ta=25°C)
Symbol
ICBO
IEBO
V(BR)CEO
hFE
VCE(sat)
VBE(sat)
fT
COB
External Dimensions FM20(TO220F)
ø3.3±0.2
10.1±0.2
2.54
2.54
1.35±0.15
0.85
+0.2
-0.1
1.35±0.15
2.2±0.2
4.2±0.2
2.8
c0.5
2.4±0.2
0.45
+0.2
-0.1
BE
C
a
b
Weight : Approx 2.0g
a. Part No.
b. Lot No.
B
C
E
(2k
Ω) (200Ω)
Equivalent
circuit


Similar Part No. - 2SD2016

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SD2016 SANKEN-2SD2016 Datasheet
21Kb / 1P
Silicon NPN Triple Diffused Planar Transistor(Igniter, Relay and General Purpose)
logo
Inchange Semiconductor ...
2SD2016 ISC-2SD2016 Datasheet
238Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Sanken electric
2SD2016 SANKEN-2SD2016_01 Datasheet
30Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results

Similar Description - 2SD2016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC3858 SANKEN-2SC3858 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC5100 SANKEN-2SC5100 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2389 SANKEN-2SD2389 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2401 SANKEN-2SD2401 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2438 SANKEN-2SD2438 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SD2561 SANKEN-2SD2561 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4138 SANKEN-2SC4138 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
2SC4546 SANKEN-2SC4546 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com