Electronic Components Datasheet Search
  English  ▼

X  

CLL4705 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CLL4705
Description  LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4705 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CLL4705 Datasheet HTML 1Page - Central Semiconductor Corp CLL4705 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
SOD-80 CASE - MECHANICAL OUTLINE
CLL4678
THRU
CLL4717
LOW LEVEL ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
ZENER
TEST
MAXIMUM
MAXIMUM
MAXIMUM
TYPE
VOLTAGE
CURRENT
REVERSE LEAKAGE
VOLTAGE
ZENER
VZ @ IZT
CURRENT
CHANGE**
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
∆∆VZ
IZM
VOLTS VOLTS VOLTS
µA
µA
VOLTS
VOLTS
mA
CLL4697 9.500
10
10.50
50
1.0
7.6
0.10
24.8
CLL4698 10.45
11
11.55
50
0.05
8.4
0.11
21.6
CLL4699 11.40
12
12.60
50
0.05
9.1
0.12
20.4
CLL4700 12.35
13
13.65
50
0.05
9.8
0.13
19.0
CLL4701 13.30
14
14.70
50
0.05
10.6
0.14
17.5
CLL4702 14.25
15
15.75
50
0.05
11.4
0.15
16.3
CLL4703 15.20
16
16.80
50
0.05
12.1
0.16
15.4
CLL4704 16.15
17
17.85
50
0.05
12.9
0.17
14.5
CLL4705 17.10
18
18.90
50
0.05
13.6
0.18
13.2
CLL4706 18.05
19
19.95
50
0.05
14.4
0.19
12.5
CLL4707 19.00
20
21.00
50
0.01
15.2
0.20
11.9
CLL4708 20.90
22
23.10
50
0.01
16.7
0.22
10.8
CLL4709 22.80
24
25.20
50
0.01
18.2
0.24
9.9
CLL4710 23.75
25
26.25
50
0.01
19.0
0.25
9.5
CLL4711 25.65
27
28.35
50
0.01
20.4
0.27
8.8
CLL4712 26.60
28
29.40
50
0.01
21.2
0.28
8.5
CLL4713 28.50
30
31.50
50
0.01
22.8
0.30
7.9
CLL4714 31.35
33
34.65
50
0.01
25.0
0.33
7.2
CLL4715 34.20
36
37.80
50
0.01
27.3
0.36
6.6
CLL4716 37.05
39
40.95
50
0.01
29.6
0.39
6.1
CLL4717 40.85
43
45.15
50
0.01
32.6
0.43
5.5
**
∆VZ=VZ @ 100µA MINUS VZ @ 10µA
R4 ( 4-October 2001)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com