Electronic Components Datasheet Search
  English  ▼

X  

U21 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # U21
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U21 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button U21 Datasheet HTML 8Page - List of Unclassifed Manufacturers U21 Datasheet HTML 9Page - List of Unclassifed Manufacturers U21 Datasheet HTML 10Page - List of Unclassifed Manufacturers U21 Datasheet HTML 11Page - List of Unclassifed Manufacturers U21 Datasheet HTML 12Page - List of Unclassifed Manufacturers U21 Datasheet HTML 13Page - List of Unclassifed Manufacturers U21 Datasheet HTML 14Page - List of Unclassifed Manufacturers U21 Datasheet HTML 15Page - List of Unclassifed Manufacturers U21 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
D
D16
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
VL SERIES LED INDICATORS
6mm (.236") diameter - sealed
8mm (.314") diameter - sealed
LED
BRIGHT
MATTE BLACK
COLOR
FINISH
FINISH
Red
VL1CK0P600
VL1CKGP600
Yellow
VL1CK0P500
VL1CKGP500
Green
VL1CK0P300
VL1CKGP300
Notes: Bright finish is standard. Lens cap is the
same color as the LED.
LED
BRIGHT
MATTE BLACK
COLOR
FINISH
FINISH
Red
VL3CK0P600
VL3CKGP600
Yellow
VL3CK0P500
VL3CKGP500
Green
VL3CK0P300
VL3CKGP300
Note: Bright finish is standard. Lens cap is the
same color as the LED.
LED'S
STANDARD HARDWARE AND PANEL CUT-OUTS
0.50
0.50
(.019)
(.019)
(+)
(+)
(-)
1.30 Maxi
1.30 Maxi
(.051 MAX)
(.051 MAX)
(.224)
(.224)
(.220)
5.60
5.60
5.70
5.70
O-RING
O-RING
6.00 DIA x 0.75 SI
6.00 DIA x 0.75 SI
(.236 DIA x 0.75 IS)
(.236 DIA x 0.75 IS)
0.50
(.019)
(-)
(+)
1.60 Maxi
(.062 MAX)
8.00 DIA x 0.75 SI
(.314 DIA x 0.75 IS)
(.354)
(.275)
O-RING
9.00
7.00
(.244 DIA)
(.244 DIA)
(.098)
(.098)
2.50
2.50
6.20 DIA
6.20 DIA
(.322 DIA)
(.137)
8.20 DIA
3.50
(.141)
(.141)
(.181)
(.181)
(.232)
(.232)
(.127 DIA)
(.127 DIA)
Cathode
Cathode
3.60
3.60
4.60
4.60
5.90
5.90
3.25 DIA
3.25 DIA
(1.043)
(1.043)
26.50
26.50 TYPE
TYPE
(.338)
(.448)
(.301)
(.224 DIA)
Cathode
5.70 DIA
11.40
7.65
8.60
(.913)
23.20 TYPE
(.354)
(.078)
(.236 DIA x 0.75 IS)
6.00 DIA x 0.75 SI
9.00
2.00
(.118)
(.118)
(.393)
(.393)
10.00
10.00
3.00
3.00
8.00 DIA x 0.75 SI
8.00 DIA x 0.75 SI
(.314 DIA x 0.75 IS)
(.314 DIA x 0.75 IS)
For 6mm (.236") indicators
For 8mm (.314") indicators
For 6mm (.236") indicators
For 8mm (.314") indicators
Observe polarity of DC supply to
LED's. Longer lead is anode (+).
Shorter lead is cathode (-) on flat
side of bushing (see drawing).
LED's are not removable.
LED's per customer specifications
that meet drawings shown can be
supplied - consult factory.
Arrow indicates bushing flat. Option:
bushing without flat and lockwasher- on
request
Arrow indicates bushing flat. Option:
bushing without flat and lockwasher- on
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com