Electronic Components Datasheet Search
  English  ▼

X  

CLL4706 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CLL4706
Description  LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CLL4706 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CLL4706 Datasheet HTML 1Page - Central Semiconductor Corp CLL4706 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CLL4678
Series Silicon Low Level Zener Diode is a high
quality voltage regulator designed for applications
requiring an extremely low operating current and
low leakage.
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
UNIT
Power Dissipation (@TA=25°C)
PD
500
mW
Operating and Storage Temperature
TJ,Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C), VF=1.5V MAX @ IF=100mA FOR ALL TYPES.
CLL4678
THRU
CLL4717
LOW LEVEL ZENER DIODE
1.8 VOLTS THRU 43 VOLTS
500mW, 5% TOLERANCE
SOD-80 CASE
Central
Semiconductor Corp.
TM
ZENER
TEST
MAXIMUM
MAXIMUM
MAXIMUM
TYPE
VOLTAGE
CURRENT
REVERSE LEAKAGE
VOLTAGE
ZENER
VZ @ IZT
CURRENT
CHANGE**
CURRENT
MIN
NOM
MAX
IZT
IR @ VR
∆∆VZ
IZM
VOLTS VOLTS VOLTS
µA
µA
VOLTS
VOLTS
mA
CLL4678 1.710
1.8
1.890
50
7.5
1.0
0.70
120.0
CLL4679 1.900
2.0
2.100
50
5.0
1.0
0.70
110.0
CLL4680 2.090
2.2
2.310
50
4.0
1.0
0.75
100.0
CLL4681 2.280
2.4
2.520
50
2.0
1.0
0.80
95.0
CLL4682 2.565
2.7
2.835
50
1.0
1.0
0.85
90.0
CLL4683 2.850
3.0
3.150
50
0.8
1.0
0.90
85.0
CLL4684 3.135
3.3
3.465
50
7.5
1.5
0.95
80.0
CLL4685 3.420
3.6
3.780
50
7.5
2.0
0.95
75.0
CLL4686 3.705
3.9
4.095
50
5.0
2.0
0.97
70.0
CLL4687 4.085
4.3
4.515
50
4.0
2.0
0.99
65.0
CLL4688 4.465
4.7
4.935
50
10
3.0
0.99
60.0
CLL4689 4.845
5.1
5.355
50
10
3.0
0.97
55.0
CLL4690 5.320
5.6
5.880
50
10
4.0
0.96
50.0
CLL4691 5.890
6.2
6.510
50
10
5.0
0.95
45.0
CLL4692 6.460
6.8
7.140
50
10
5.1
0.90
35.0
CLL4693 7.125
7.5
7.875
50
10
5.7
0.75
31.8
CLL4694 7.790
8.2
8.610
50
1.0
6.2
0.50
29.0
CLL4695 8.265
8.7
9.135
50
1.0
6.6
0.10
27.4
CLL4696 8.645
9.1
9.555
50
1.0
6.9
0.08
26.2
**
∆VZ=VZ @ 100µA MINUS VZ @ 10µA
R4 ( 4-October 2001)


Similar Part No. - CLL4706

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4706 CENTRAL-CLL4706 Datasheet
310Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CLL4706 CENTRAL-CLL4706 Datasheet
310Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES
More results

Similar Description - CLL4706

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CLL4099 CENTRAL-CLL4099 Datasheet
109Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4099 CENTRAL-CMHZ4099 Datasheet
56Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 47 VOLTS 500mW, 5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678 Datasheet
56Kb / 2P
LOW LEVEL ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
CMOZ2L4 CENTRAL-CMOZ2L4 Datasheet
97Kb / 2P
ULTRAmini. LOW LEVEL ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMOZ2V4 CENTRAL-CMOZ2V4 Datasheet
97Kb / 2P
ULTRAmini. ZENER DIODE 2.4 VOLTS THRU 43 VOLTS 350mW, 5% TOLERANCE
CMPZ4099 CENTRAL-CMPZ4099 Datasheet
186Kb / 2P
LOW NOISE ZENER DIODE 6.8 VOLTS THRU 43 VOLTS 350mW,5% TOLERANCE
CMHZ4678 CENTRAL-CMHZ4678_10 Datasheet
380Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 43 VOLTS 500mW
CLL4678 CENTRAL-CLL4678_10 Datasheet
310Kb / 2P
SURFACE MOUNT LOW LEVEL SILICON ZENER DIODES 1.8 VOLTS THRU 43 VOLTS 500mW, 5% TOLERANCE
1N957B CENTRAL-1N957B Datasheet
880Kb / 3P
SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
1N5221B CENTRAL-1N5221B_11 Datasheet
348Kb / 2P
SILICON ZENER DIODE 2.4 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com