Electronic Components Datasheet Search
  English  ▼

X  

AD780AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD780AR
Description  2.5 V-3.0 V High Precision Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD780AR Datasheet(HTML) 3 Page - Analog Devices

  AD780AR Datasheet HTML 1Page - Analog Devices AD780AR Datasheet HTML 2Page - Analog Devices AD780AR Datasheet HTML 3Page - Analog Devices AD780AR Datasheet HTML 4Page - Analog Devices AD780AR Datasheet HTML 5Page - Analog Devices AD780AR Datasheet HTML 6Page - Analog Devices AD780AR Datasheet HTML 7Page - Analog Devices AD780AR Datasheet HTML 8Page - Analog Devices AD780AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD780
Rev. F | Page 3 of 12
SPECIFICATIONS
TA = 25°C, VIN = 5 V, unless otherwise noted.
Table 1.
AD780AN/AD780AR
AD780CR
AD780BN/AD780BR
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE
2.5 V Out
2.495
2.505
2.4985
2.5015
2.499
2.501
V
3.0 V Out
2.995
3.005
2.9950
3.0050
2.999
3.001
V
OUTPUT VOLTAGE DRIFT1
−40°C to +85°C
7
7
3
ppm/°C
−55°C to +125°C
20
20
ppm/°C
LINE REGULATION
2.5 V Output, 4 V ≤+VIN ≤ 36 V, TMIN to TMAX
10
10
10
µV/V
3.0 V Output, 4.5 V ≤+VIN ≤ 36 V, TMIN to TMAX
10
10
10
µV/V
LOAD REGULATION, SERIES MODE
Sourcing 0 mA < IOUT< 10 mA
50
50
50
µV/mA
TMIN to TMAX
75
75
75
µV/mA
Sinking −10 mA < IOUT< 0 mA
75
75
75
µV/mA
−40°C to +85°C
75
75
75
µV/mA
−55°C to +125°C
150
150
150
µV/mA
LOAD REGULATION, SHUNT MODE
I < ISHUNT< 10 mA
75
75
75
µV/mA
QUIESCENT CURRENT, 2.5 V SERIES MODE2
–40°C to +85°C
0.75
1.0
0.75
1.0
0.75
1.0
mA
−55°C to +125°C
0.8
1.3
0.8
1.3
0.8
1.3
mA
MINIMUM SHUNT CURRENT
0.7
1.0
0.7
1.0
0.7
1.0
mA
OUTPUT NOISE
0.1 Hz to 10 Hz
4
4
4
µV p-p
Spectral Density, 100 Hz
100
100
100
nV/√Hz
LONG-TERM STABILITY3
20
20
20
± ppm/1000 Hr
TRIM RANGE
4.0
4.0
4.0
± %
TEMPERATURE PIN
Voltage Output @ 25°C
500
560
620
500
560
620
500
560
620
mV
Temperature Sensitivity
1.9
1.9
1.9
mV/°C
Output Resistance
3
3
3
kΩ
SHORT-CIRCUIT CURRENT TO GROUND
30
30
30
mA
TEMPERATURE RANGE
Specified Performance (A, B, C)
–40
+85
–40
+85
–40
+85
°C
Operating Performance (A, B, C)4
–55
+125
–55
+125
–55
+125
°C
1
Maximum output voltage drift is guaranteed for all packages.
2
3.0 V mode typically adds 100 µA to the quiescent current. Also, Iq increases by 2 µA/V above an input voltage of 5 V.
3
The long-term stability specification is noncumulative. The drift in subsequent 1,000 hour periods is significantly lower than in the first 1,000 hour period.
4
The operating temperature range is defined as the temperature extremes at which the device will still function. Parts may deviate from their specified performance
outside their specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com