Electronic Components Datasheet Search
  English  ▼

X  

ADM660 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM660
Description  CMOS Switched-Capacitor Voltage Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM660 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM660 Datasheet HTML 2Page - Analog Devices ADM660 Datasheet HTML 3Page - Analog Devices ADM660 Datasheet HTML 4Page - Analog Devices ADM660 Datasheet HTML 5Page - Analog Devices ADM660 Datasheet HTML 6Page - Analog Devices ADM660 Datasheet HTML 7Page - Analog Devices ADM660 Datasheet HTML 8Page - Analog Devices ADM660 Datasheet HTML 9Page - Analog Devices ADM660 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
ADM660/ADM8660
CHARGE-PUMP FREQUENCY – kHz
4.5
0
1
1000
10
100
1.5
0.5
2.5
5.0
2.0
1.0
3.0
4.0
3.5
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 80mA
TPC 7. Output Voltage vs. Charge-Pump Frequency
SUPPLY VOLTAGE – Volts
30
25
0
1.5
6.5
2.5
3.5
4.5
5.5
20
15
10
5
TPC 8. Output Source Resistance vs. Supply Voltage
SUPPLY VOLTAGE – Volts
30
0
1.5
3.5
5.5
20
10
2.5
4.5
6.5
LV = GND
LV = OPEN
FC = OPEN
OSC = OPEN
C1, C2 = 10 F
TPC 9. Charge-Pump Frequency vs. Supply Voltage
TEMPERATURE – C
35
15
0
–40
–20
0
20
4060
80
30
25
10
5
20
LV = GND
FC = OPEN
C1, C2 = 10 F
TPC 10. Charge-Pump Frequency vs. Temperature
CAPACITANCE – pF
1k
100
0.1
11k
10
100
10
1
FC = OPEN
LV = GND
FC = V+
LV = GND
TPC 11. Charge-Pump Frequency vs. External
Capacitance
SUPPLY VOLTAGE – Volts
140
0
37
3.5
4
4.5
5
5.5
6
6.5
120
80
60
40
20
100
LV = GND
LV = OPEN
FC = V+
OSC = OPEN
C1,C2 = 2.2 F
TPC 12. Charge-Pump Frequency vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com