Electronic Components Datasheet Search
  English  ▼

X  

ADNS-7550 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7550
Description  Integrated molded lead-frame DIP Sensor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7550 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7550 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-7550 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
Delta_X_L
Address: 0x03
Access: Read
Reset Value: 0x00
Data Type: Eight bit 2’s complement number.
USAGE: X movement is counts since last report. Absolute value is determined by resolution. Reading clears the
register.
Bit
76543210
Field
X7
X6
X5
X4
X3
X2
X1
X0
Bit
7
6
54
32
1
0
Field
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Delta_Y_L
Address: 0x04
Access: Read
Reset Value: 0x00
Data Type: Eight bit 2’s complement number.
USAGE: Y movement is counts since last report. Absolute value is determined by resolution. Reading clears the
register.
00
01
02
7FE
7FF
+2047
+2046
+1
+2
FF
FE
801
800
0
-1
-2
-2047
-2048
Motion
Delta_X
00
01
02
7FE
7FF
+2047
+2046
+1
+2
FF
FE
801
800
0
-1
-2
-2047
-2048
Motion
Delta_Y
NOTE: Avago recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
NOTE: Avago recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.
Bit
7
6
54
32
1
0
Field
X11
X10
X9
X8
Y11
Y10
Y9
Y8
Delta_XY_H
Address: 0x05
Access: Read
Reset Value: 0x00
Data Type: 2’s complement number, upper 4 bits of Delta_X and Delta_Y.
USAGE: Delta_XY_H must be read after Delta_X_L and Delta_Y_L to have the full motion data. Reading clear the
registers.
NOTE: Avago recommends that registers 0x02, 0x03, 0x04 and 0x05 be read sequentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com