Electronic Components Datasheet Search
  English  ▼

X  

CPD109R Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD109R
Description  Low VF Schottky Diode Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD109R Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD109R Datasheet HTML 1Page - Central Semiconductor Corp CPD109R Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GEOMETRY
PRINCIPAL DEVICE TYPE
CFSH01-30L
GROSS DIE PER 5 INCH WAFER
251,364
PROCESS CPD109R
Schottky Diode
Low VF Schottky Diode Chip
PROCESS DETAILS
Die Size
8.3 x 8.3 MILS
Die Thickness
3.9 MILS
Anode Bonding Pad Area
5.4 x 5.4 MILS
Top Side Metalization
Al - 20,000Å
Back Side Metalization
Au - 12,000Å
www.centr a lsemi.com
R0 (13-April 2011)


Similar Part No. - CPD109R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD102X CENTRAL-CPD102X Datasheet
717Kb / 2P
Schottky Diode High Voltage Schottky Diode Chip
CPD102X-1N5711 CENTRAL-CPD102X-1N5711 Datasheet
527Kb / 4P
Schottky Diode Die 15mA, 70 Volt
R0 28-November 2017
CPD102X-6263E-CT CENTRAL-CPD102X-6263E-CT Datasheet
465Kb / 9P
P-Channel JFET Die
R1 17-January 2018
CPD102X-6263E-CT CENTRAL-CPD102X-6263E-CT Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
CPD102X-CMPD6263 CENTRAL-CPD102X-CMPD6263 Datasheet
550Kb / 4P
Schottky Diode Die 15 mA, 70 Volt
R0 12-February 2016
More results

Similar Description - CPD109R

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD82X CENTRAL-CPD82X Datasheet
31Kb / 1P
Schottky Diode High Current, Low VF Schottky Diode Chip
CPD96V CENTRAL-CPD96V Datasheet
126Kb / 2P
Schottky Diode 500mA Low VF Schottky Diode Chip
logo
Infineon Technologies A...
BAS4002S-02LRH INFINEON-BAS4002S-02LRH Datasheet
796Kb / 6P
Low VF Schottky Diode
2009-02-02
logo
Central Semiconductor C...
CPD82X CENTRAL-CPD82X_10 Datasheet
403Kb / 2P
Schottky Diode High Current, Low VF Schottky Diode Chip
CPD96V CENTRAL-CPD96V_10 Datasheet
468Kb / 2P
Schottky Diode 500mA Low VF Schottky Diode Chip
CPD104R CENTRAL-CPD104R Datasheet
717Kb / 2P
Schottky Diode Low VF Schottky Diode Chip
logo
Infineon Technologies A...
BAS3005A-02V INFINEON-BAS3005A-02V Datasheet
815Kb / 8P
Low VF Schottky Diode
2008-02-11
logo
Central Semiconductor C...
CMLSH05-4 CENTRAL-CMLSH05-4_15 Datasheet
441Kb / 3P
LOW VF SCHOTTKY DIODE
CMLSH05-4DO CENTRAL-CMLSH05-4DO_15 Datasheet
507Kb / 3P
LOW VF SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205_15 Datasheet
522Kb / 3P
LOW VF SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com