Electronic Components Datasheet Search
  English  ▼

X  

CPD34X Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD34X
Description  10 Amp Schottky Rectifier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD34X Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD34X Datasheet HTML 1Page - Central Semiconductor Corp CPD34X Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GROSS DIE PER 5 INCH WAFER
2,260
PROCESS CPD34X
Schottky Rectifier
10 Amp Schottky Rectifier Chip
GEOMETRY
PROCESS DETAILS
Die Size
85 x 85 MILS
Die Thickness
5.9 MILS ± 0.8 MILS
Anode Bonding Pad Area
78 x 78 MILS
Top Side Metalization
Al – 30,000Å
Back Side Metalization
Ti/Ni/Au - 1,600Å/5,550Å/1,500Å
PRINCIPAL DEVICE TYPE
CSHD10-60
www.centralsemi.com
R0 (17-October 2011)


Similar Part No. - CPD34X

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD34X CENTRAL-CPD34X Datasheet
1Mb / 2P
10A, 60V Schottky Rectifi er Die
More results

Similar Description - CPD34X

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST1045 MICROSEMI-FST1045 Datasheet
127Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
FST1080 MICROSEMI-FST1080 Datasheet
132Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
MS1003 MICROSEMI-MS1003 Datasheet
119Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
MS1005 MICROSEMI-MS1005 Datasheet
120Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
MS10100 MICROSEMI-MS10100 Datasheet
120Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
MS1045 MICROSEMI-MS1045 Datasheet
113Kb / 2P
10 AMP SCHOTTKY RECTIFIER
logo
International Rectifier
10CTQ150 IRF-10CTQ150 Datasheet
143Kb / 8P
SCHOTTKY RECTIFIER 10 Amp
10CTQ150PBF IRF-10CTQ150PBF Datasheet
176Kb / 6P
SCHOTTKY RECTIFIER 10 Amp
logo
Microsemi Corporation
FST10120 MICROSEMI-FST10120 Datasheet
150Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
FST10180 MICROSEMI-FST10180 Datasheet
146Kb / 2P
10 AMP SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com