Electronic Components Datasheet Search
  English  ▼

X  

CPD31X Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD31X
Description  10A, 60V Schottky Rectifi er Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD31X Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD31X Datasheet HTML 1Page - Central Semiconductor Corp CPD31X Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10A, 60V
Schottky Rectifier Die
CPD31X
CPD34X
Features:
• Low forward voltage at 10 Amps forward current
• Low reverse leakage current
• Low profile geometry
• Metalization suitable for standard die attached technologies
• Top metalization optimized for solder process (CPD31X)
• Top metalization optimized for wire bonding (CPD34X)
Maximum Ratings (TA = 25˚C)
Electrical Characteristics (TA = 25˚C unless otherwise noted)
VRRM
(V)
MAX
VR
(V)
MAX
IO
(A)
MAX
IFSM
(A)
MAX
TJ, Tstg
(˚C)
MAX
BVR
(V)
MIN
VF
@ IF
(V)
(V)
(A)
TYP
MAX
IR
@ VR
(V)
TYP
MAX
MAX
60
60
10
250
-65 to +150
60
0.49
0.59
–
0.67
5.0
10
75μA
–
500μA
*50mA
60
*60
• Energy efficiency
• High temperature characterization
• Space savings
Benefits:
Applications:
• Optimized for use as a by-pass rectifier in low profile
solar (PV) panels
• Reverse polarity protection
• OR-ing diode
To order samples contact:
Central’s Sales department
631-435-1110
To order the latest Chip databook, visit:
web.centralsemi.com/search/sample.php
Die Size
85 MILS x 85 MILS
Die Thickness
5.9 MILS ±0.8 MILS
Die Passivation
SiN
Anode Bonding Pad Area
78 MILS x 78 MILS
Top Side Metalization (CPD31X)
Al/Ni/Au - 30,000
Å/4,000Å/1,500Å
Top Side Metalization (CPD34X)
Al - 30,000
Å
Back Side Metalization
Ti/Ni/Au - 1,600
Å/5,550Å/1,500Å
Scribe Alley Width
3.15 MILS
Wafer Diameter
5 INCHES
Gross Die Per Wafer
2,260
*TA=100˚C
Typical Electrical Characteristics
Samples
Literature
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
CPD31X
CPD34X
Product Brief
Product Brief


Similar Part No. - CPD31X

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CPD3119 CODACA-CPD3119 Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-100M CODACA-CPD3119-100M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-120M CODACA-CPD3119-120M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-150M CODACA-CPD3119-150M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
CPD3119-180M CODACA-CPD3119-180M Datasheet
792Kb / 4P
Inductor for Digital AMP
07/14/2020
More results

Similar Description - CPD31X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS822 SANYO-SBS822 Datasheet
253Kb / 3P
20V, 1A Rectifi er
SBT80-06JS SANYO-SBT80-06JS Datasheet
248Kb / 3P
60V, 8A Rectifi er
SBE818 SANYO-SBE818 Datasheet
261Kb / 4P
30V, 2.0A Rectifi er
SBT80-06GS SANYO-SBT80-06GS Datasheet
237Kb / 3P
60V, 8A Rectifi er
SBT80-10GS SANYO-SBT80-10GS Datasheet
238Kb / 3P
100V, 8A Rectifi er
SB10015M SANYO-SB10015M_12 Datasheet
475Kb / 6P
15V, 1.0A Rectifi er
logo
NIC-Components Corp.
NSD NIC-NSD Datasheet
347Kb / 5P
Surface Mount Schottky Barrier Rectifi er Diode
logo
Central Semiconductor C...
PBCBRLDSH1-40_1509 CENTRAL-PBCBRLDSH1-40_1509 Datasheet
1Mb / 2P
1.0A, 40V Schottky Bridge Rectifi er
PB-CMIDSH1_1509 CENTRAL-PB-CMIDSH1_1509 Datasheet
1Mb / 2P
1.0A, 30V Low VF Schottky Rectifi er
logo
Bourns Electronic Solut...
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
Schottky Barrier Rectifi er Chip Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com