Electronic Components Datasheet Search
  English  ▼

X  

CP375 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CP375
Description  N-Channel MOSFET Die Enhancement-Mode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CP375 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CP375 Datasheet HTML 1Page - Central Semiconductor Corp CP375 Datasheet HTML 2Page - Central Semiconductor Corp CP375 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Qg(tot)
VDD=15V, VGS=5.0V, ID=10A
6.3
nC
Qgs
VDD=15V, VGS=5.0V, ID=10A
2.0
nC
Qgd
VDD=15V, VGS=5.0V, ID=10A
2.3
nC
ton
VDD=15V, VGS=5.0V, ID=10A
20
ns
toff
RG=0.3Ω, RL=15Ω
43
ns
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
R0 (13-August 2013)
CP375
N-Channel MOSFET Die
Enhancement-Mode
www.centr a lsemi.
com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com