Electronic Components Datasheet Search
  English  ▼

X  

SCS220AE Datasheet(PDF) 1 Page - Rohm

Part # SCS220AE
Description  SiC Schottky Barrier Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS220AE Datasheet(HTML) 1 Page - Rohm

  SCS220AE Datasheet HTML 1Page - Rohm SCS220AE Datasheet HTML 2Page - Rohm SCS220AE Datasheet HTML 3Page - Rohm SCS220AE Datasheet HTML 4Page - Rohm SCS220AE Datasheet HTML 5Page - Rohm SCS220AE Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
SCS220AE
SiC Schottky Barrier Diode
*1 Tc=128°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10ms square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10%
*6 Tc=25°C
3) High-speed switching possible
lOutline
lInner circuit
lPackaging specifications
TO-247
2) Reduced temperature dependence
650V
20A
VR
IF
QC
lFeatures
31nC
1) Shorter recovery time
A
W
Symbol
lConstruction
Silicon carbide epitaxial planer Shottoky Diode
Parameter
V
V
A
Tube
-
Type
Packaging
Reel size (mm)
C
SCS220AE
Basic ordering unit (pcs)
Tape width (mm)
-
30
Marking
Taping code
130*
6
71*
2
A
A
VRM
650
20*
1
76*
5
260*
3
A
Total power disspation
Junction temperature
VR
IF
IFSM
IFRM
PD
Reverse voltage (DC)
Continuous forward current
56*
4
°C
°C
Tj
Tstg
175
-55 to +175
Range of storage temperature
lAbsolute maximum ratings (T
j = 25°C)
Surge no repetitive forward current
Reverse voltage (repetitive peak)
Unit
Value
Repetitive peak forward current
650
(1) N/C
(2) Cathode
(3) Anode
(1)
(3)
(2)
(1) (2)
(3)
1/5
2014.01 - Rev.A


Similar Part No. - SCS220AE

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AE ROHM-SCS220AE Datasheet
922Kb / 6P
SiC Schottky Barrier Diode
SCS220AE2 ROHM-SCS220AE2 Datasheet
293Kb / 6P
SiC Schottky Barrier Diode
SCS220AE2 ROHM-SCS220AE2 Datasheet
923Kb / 6P
SiC Schottky Barrier Diode
SCS220AE2 ROHM-SCS220AE2 Datasheet
293Kb / 6P
SiC Schottky Barrier Diode
SCS220AE2C ROHM-SCS220AE2C Datasheet
293Kb / 6P
SiC Schottky Barrier Diode
More results

Similar Description - SCS220AE

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AGC ROHM-SCS220AGC Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG Datasheet
286Kb / 6P
SiC Schottky Barrier Diode
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
SiC Schottky Barrier Diode
logo
Toshiba Semiconductor
TRS12N65D TOSHIBA-TRS12N65D Datasheet
163Kb / 5P
SiC Schottky Barrier Diode
TRS16N65D TOSHIBA-TRS16N65D Datasheet
164Kb / 5P
SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com