Electronic Components Datasheet Search
  English  ▼

X  

AFB0505LB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0505LB
Description  50 x 50 x 15 MM SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0505LB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0505LB Datasheet HTML 1Page - Delta Electronics, Inc. AFB0505LB Datasheet HTML 2Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(4-ø0.169
±0.012)
4-ø4.3
±0.3
(12.992
±0.394)
(0.394)
330.0
±10.0
10.0
(0.118
±0.012)
3.0
±0.3
(0.118
±0.012)
3.0
±0.3
(0.591
±0.020)
15.0
±0.5
(1.575
±0.012)
(1.969
±0.020)
50.0
±0.5
40.0
±0.3
LABEL
(4-ø0.169)
4-ø4.3
(4-ø0.169)
4-ø4.3
(1.874)
47.6
40.0
(1.575)
(1.575)
40.0
47.6
(1.874)
0
0.08
0.16
0.24
0.32
0.40
0.48
16.0
12.0
8.0
4.0
0
L
M
H
HH
AFB0505/12/24XB
0
0.1
0.2
0.4
0.3
0.5
12.0
10.0
8.0
4.0
2.0
0
6.0
OUTLET SIDE
INLET SIDE
UNIT:
(INCH)
mm
mm
(INCH)
UNIT:
(M3/MIN)
(CFM)
Air Flow
8
http://www.deltaww.com
AFB
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
50 x 50 x 15 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 32g (1.13 oz)
* Rib Type Only
MODEL
Rated
Voltage
Operating
Voltage
Range
Rated
Current
Rated
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
FUNCTION
VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0505LB
-R00 / -F00
5
4.5 to 5.5
0.15
0.75
4000
0.280
9.89
3.20
0.126
24.0
AFB0512LB
-R00 / -F00
12
7.0 to 13.8
0.06
0.72
AFB0524LB
-R00 / -F00
24
14.0 to 27.6
0.05
1.20
AFB0505MB
-R00 / -F00
5
4.5 to 5.5
0.22
1.10
4800
0.350
12.36
4.60
0.181
28.0
AFB0512MB
-R00 / -F00
12
7.0 to 13.8
0.08
0.96
AFB0524MB
-R00 / -F00
24
14.0 to 27.6
0.06
1.44
AFB0505HB
-R00 / -F00
5
4.5 to 5.5
0.32
1.60
5600
0.400
14.13
6.10
0.240
32.0
AFB0512HB
-R00 / -F00
12
7.0 to 13.8
0.10
1.20
AFB0524HB
-R00 / -F00
24
14.0 to 27.6
0.07
1.68
AFB0512HHB
-R00 / -F00
12
7.0 to 13.8
0.13
1.56
6400
0.460
16.24
8.00
0.315
36.0
AFB0524HHB
-R00 / -F00
24
14.0 to 27.6
0.08
1.92
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Both of the ball bearing and the 1 ball + 1 sleeve type are available.


Similar Part No. - AFB0505LB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0505LD ETC2-AFB0505LD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
More results

Similar Description - AFB0505LB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
Special Fuse, 14 x 50 mm
logo
List of Unclassifed Man...
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
80 x 80 x 15 MM SERIES
logo
Advanced XTAL Products
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
Miniature Rubidium Oscillator in 50 x 50 mm Package
logo
Schneider Electric
ZBY6H101 SCHNEIDER-ZBY6H101 Datasheet
114Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
ZBY6H102 SCHNEIDER-ZBY6H102 Datasheet
110Kb / 2P
legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
Nov 18, 2021
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com