Electronic Components Datasheet Search
  English  ▼

X  

MLD685D Datasheet(PDF) 2 Page - Sanken electric

Part # MLD685D
Description  Low on-state resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

MLD685D Datasheet(HTML) 2 Page - Sanken electric

  MLD685D Datasheet HTML 1Page - Sanken electric MLD685D Datasheet HTML 2Page - Sanken electric MLD685D Datasheet HTML 3Page - Sanken electric MLD685D Datasheet HTML 4Page - Sanken electric MLD685D Datasheet HTML 5Page - Sanken electric MLD685D Datasheet HTML 6Page - Sanken electric MLD685D Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.sanken-ele.co.jp
SANKEN ELECTRIC
MLD685D
Feb. 2011
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
Electrical characteristics
(Ta=25°C)
Limits
Characteristic
Symbol
Test Conditions
MIN
TYP
MAX
Unit
Drain to Source breakdown Voltage
V(BR)DSS
ID=100μA,VGS=0V
60
V
Gate to Source Leakage Current
IGSS
VGS=±20V
±10
μA
Drain to Source Leakage Current
IDSS
VDS=60V, VGS=0V
100
μA
Gate Threshold Voltage
VTH
VDS=10V, ID=1mA
2.0
2.5
3.0
V
Forward Transconductance
Re(yfs)
VDS=10V, ID=42A
30
S
Static Drain to Source On-Resistance
RDS(ON)
ID=42A, VGS=10V
4.0
4.7
mΩ
Input Capacitance
Ciss
11500
Output Capacitance
Coss
1500
Reverse Transfer Capacitance
Crss
VDS=10V
VGS=0V
f=1MHz
1100
pF
Turn-On Delay Time
td(on)
60
Rise Time
tr
25
Turn-Off Delay Time
td(off)
370
Fall Time
tf
ID=42A, VDD 16V
RG=22Ω, VGS=10V
See Fig.2
65
ns
Source-Drain Diode Forward Voltage
VSD
ISD=50A,VGS=0V
0.87
1.5
V
Source-Drain Diode Reverse Recovery
Time
trr
ISD=50A
d
i/dt=100A/us
70
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com