Electronic Components Datasheet Search
  English  ▼

X  

ALQ112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ALQ112
Description  1 Form A/1 Form C 10A Small power relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALQ112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ALQ112 Datasheet HTML 1Page - Panasonic Semiconductor ALQ112 Datasheet HTML 2Page - Panasonic Semiconductor ALQ112 Datasheet HTML 3Page - Panasonic Semiconductor ALQ112 Datasheet HTML 4Page - Panasonic Semiconductor ALQ112 Datasheet HTML 5Page - Panasonic Semiconductor ALQ112 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LQ (ALQ)
ASCTB92E 201206-T
RATING
1. Coil data
2. Specifications
* Specifications will vary with foreign standards certification ratings.
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*4. When using relays in a high ambient temperature, consider the pick-up voltage rise due to the high temperature (a rise of approx. 0.4% V for each 1
°C 33.8°F with
20
°C 68°F as a reference) and use a coil impressed voltage that is within the maximum applied voltage range.
Contact
arrangement
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Max. applied voltage
1 Form A
5V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
40.0mA
125
Ω
200mW
180% of nominal voltage
(at 20
°C 68°F)
130% of nominal voltage
(at 85
°C 185°F)*4
6V DC
33.3mA
180
Ω
9V DC
22.2mA
405
Ω
12V DC
16.7mA
720
Ω
18V DC
11.1mA
1,620
Ω
24V DC
8.3mA
2,880
Ω
1 Form C
5V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
80.0mA
62.5
Ω
400mW
150% of nominal voltage
(at 20
°C 68°F)
110% of nominal voltage
(at 85
°C 185°F)*4
6V DC
66.7mA
90
Ω
9V DC
44.4mA
202.5
Ω
12V DC
33.3mA
360
Ω
18V DC
22.2mA
810
Ω
24V DC
16.7mA
1,440
Ω
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A
1 Form C
Contact resistance (Initial)
Max. 100m
Ω (By voltage drop 6 V DC 1 A)
Contact material
AgNi type
Rating
Nominal switching capacity (resistive load)
5 A 30 V DC, 10 A 125 V AC, 5 A 250 V AC
N.O. side:
10 A 125 V AC, 5 A 250 V AC, 5 A 30 V DC
N.C. side:
3 A 125 V AC, 2 A 250 V AC, 1 A 30 V DC
Max. switching power (resistive load)
150 W, 1,250 VA
N.O. side: 150 W, 1,250 VA
N.C. side: 30 W, 500 VA
Max. switching voltage
250 V AC
Max. switching current
N.O.: 10 A (125V AC), N.C.: 3 A (125V AC)
Nominal operating power
200 mW
400 mW
Min. switching capacity (reference value)*1
100 mA, 5 V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000 M
Ω (at 500 V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min.
(Detection current: 10 mA)
750 Vrms for 1 min.
(Detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Temperature rise (coil)*4
Max. 45
°C 113°F (By resistive method, nominal coil voltage applied to the coil; contact carrying
current: 10A, at 85
°C 185°F)
Surge breakdown voltage*2
(Between contact and coil)
8,000 V (Initial)
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms (excluding contact bounce time.) (Initial)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 20 ms (excluding contact bounce time, with diode) (Initial)
Mechanical
characteristics
Shock resistance
Functional
1 Form A: 294 m/s2, 1 Form C: 196 m/s2
(Half-wave pulse of sine wave: 11 ms; detection time: 10
µs.)
Destructive
980 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.6 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 2.0 mm
Expected life
Mechanical
Min. 107 (at 180 times/min.)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +85°C –40°F to +185°F
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 7 g .25 oz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com