Electronic Components Datasheet Search
  English  ▼

X  

AM4 Datasheet(PDF) 1 Page - Altech corporation

Part # AM4
Description  30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

AM4 Datasheet(HTML) 1 Page - Altech corporation

  AM4 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ITEM DESCRIPTION
CAT. NO.
COLOR
MIN. QTY. MAX. QTY.
AM1
White
1
1
AM2
Black
1
1
AM3
Green
1
1
AM4
Red
1
1
AM6
Blue
1
1
AM8
Yellow
1
1
2*
Rubber washer
ARW1.2/ARW3.2
Black
1
4
3
Panel
-
-
-
-
4**
Contact Element washer
-
Black
1
2
5**
Switch Contacts
S11
Red
1
2
6**
Switch Contacts
S12
Yellow
1
2
7**
Contact Block Installation Screws SC25/SC45/SC65/SC90 -
2
2
1*
30 mm Non-Illuminated Mushroom
Momentary Metal Operatorn
R
This Drawing is the property of
35 Royal Road
Flemington, NJ 08822-6000
(908) 806-9400
Fax (908) 806-9490
and is a confidential
disclosurelent without
consideration other than the
borrower’s agreement that it
shall not be reproduced,
copied, lent or disposed of
directly or indirectly nor
used for any purpose other
than that for which it is
specifically furnished.
unless otherwise specified:
all dimensions are in millimeters
third angle projection
M
E
T
R
I
C
tolerance
XX
XX.X
XX.XX
ALL
±1 mm
±0.5 mm
±0.2 mm
mm
=
=
=
=
titel
drawn by:
checked by:
released by:
drawing no.:
rev.:
scale:
sheet:
of:
Laszlo Gyorgypal
11/20/2007
Philipp Ernstberger
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
(x=color)
1PB-AMx
-
-
1
1
Laszlo Gyorgypal
revision for dwg # 1PB-AMx
rev
-
ch.no.
-
description
original design
date
revised by
11/20/2007
Philipp E.
41 mm
[1.6 in]
40 mm
[1.6 in]
max. 6 mm
[.25 in]
16 mm
[.6 in]
55 mm
[2.2 in]
98 mm
[3.9 in]
1
2
3
4
5
6
7
* =
Operator includes 3x ARW1.2, 1x ARW3.2
** =
Switch Contacts include Contact element washer and two SC24 installation screws, if more than
two contact blocks are used, additional screws must be purchased seperatly (SC45, SC65 or SC90)


Similar Part No. - AM4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AM4 ALTECH-AM4 Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
logo
Allied Components Inter...
AM40 ALLIED-AM40 Datasheet
261Kb / 1P
Axial Molded Inductors
logo
Eltime Ltd.
AM40 TEMPATRON-AM40 Datasheet
92Kb / 1P
ANALOGUE TIMERS ELECTROMECHANICAL CAM TIMERS
logo
Tyco Electronics
AM40-0023 MACOM-AM40-0023 Datasheet
207Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
AM40-0023 MACOM-AM40-0023 Datasheet
139Kb / 2P
Ultra Low Noise pHEMT Dual Channel Amplifier, 1.710-1.910 GHz
More results

Similar Description - AM4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
APX ALTECH-APX Datasheet
386Kb / 1P
30 mm Non-Illuminated Projecting Momentary Metal Operator APx
AMX ALTECH-AMX Datasheet
325Kb / 1P
30 mm Non-Illuminated Mushroom Momentary Metal Operator AMx
AMLKBX ALTECH-AMLKBX Datasheet
345Kb / 1P
30 mm Non-Illuminated Mushroom Metal Operator AMLKBx and AMKBx
AFX ALTECH-AFX Datasheet
372Kb / 1P
30 mm Non-Illuminated Flush Momentary Metal Operator AFx
ABX ALTECH-ABX Datasheet
283Kb / 1P
30 mm Non-Illuminated Booted Momentary Metal Operator ABx
2AMX ALTECH-2AMX Datasheet
184Kb / 1P
22mm Non-Illuminated Mushroom Momentary Mental Operator 2AMx
2AMJX ALTECH-2AMJX Datasheet
188Kb / 1P
22mm Non-Illuminated Large Mushroom Momentary Mental Operator 2AMJx
2ALFXLB-YYY ALTECH-2ALFXLB-YYY Datasheet
152Kb / 1P
22 mm LED Illuminated Metal Flush Momentary Operator
2AFX ALTECH-2AFX Datasheet
227Kb / 1P
22 mm Non-Illuminated Metal Operator 2AFx
P2AM4 ALTECH-P2AM4 Datasheet
262Kb / 1P
22 mm Thermoplastic Enclosure Mushroom Momentary Operator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com