Electronic Components Datasheet Search
  English  ▼

X  

ML9077 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML9077
Description  Power-saving solar power supply control LSI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9077 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML9077 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML9077 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FEDL9077-02
ML9077
DC CHARACTERISTICS (
Brown-out detection)
(
VBAT=1.1 to 3.6V, VSS=0V, Ta=-20 to +70℃ unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
BODLV=”L”
1.0
1.15
1.25
VTBOD1
VBAT=“L“⇒“H“
BODLV=”H”
1.7
1.8
1.9
Reversal voltage
(BOD) *
1
VTBOD2
VBAT=“H”⇒“L“
VTBOD1
-0.25
―
VTBOD1
-0.1
V
Temperature
characteristics (BOD)
TBOD
In the state of reversal voltage
Ta=-20℃~60℃
-1.5
―
1.5
mV/
℃
Supply current
(VBAT)
IDDBAT
-
―
―
80
nA
IOH1=-0.5mA, VBAT=1.8~3.6V
VBAT
-0.5
―
―
IOH1=-0.1mA, VBAT=1.3~3.6V
VBAT
-0.3
―
―
VOH1
IOH1=-0.03mA, VBAT=1.1 to 3.6V
VBAT
-0.3
IOL1=+0.5mA, VBAT=1.8 to 3.6V
―
―
0.5
IOL1=+0.1mA, VBAT=1.3 to 3.6V
―
―
0.5
Output voltage
(VBOD)
VOL1
IOL1=+0.03mA, VBAT=1.1 to 3.6V
0.3
V
IVDO1
VBAT=VTBOD1~1.8V,
VDO=VBAT-0.05V
―
―
-5
IVDO2
VBAT=1.8~3.6V, VDO=VBAT-0.05V
―
―
-20
mA
Output current
(VDO)
IVDO3
VBAT=0.0~VTBOD1, VDO=0.0~VBAT
-0.05
―
―
μA
3
*
1:If VBAT voltage turns into below BOD reversal voltage, a VBOD output will serve as a VSS level, if a VDO terminal will be in an open state and
VBAT voltage becomes more than BOD reversal voltage, a VBOD output will serve as a VBAT level and a VBAT level will be outputted from
a VDO terminal.
VBAT
VTBOD1
VTBOD1
VTBOD2
VBOD
OPEN
OPEN
VDO
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com