Electronic Components Datasheet Search
  English  ▼

X  

AP7551 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP7551
Description  Basic Rack PDU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP7551 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP7551 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
World Wide[ Change]
HomeProducts
SupportServices
Selectors
How to Buy
Copyright© American Power Conversion Corp., all rights reserved
About APCInvestors
Job Seekers
Press
Feedback
ContactPrivacy Policy
APC
Basic Rack PDU
Rack PDU,Basic,ZeroU,16A,230V,(20)C13 & (4)
C19; IEC309
AP7551
Email Technical Specifications
Printer Friendly
Standard Lead Time
: Usually in Stock
APC Basic Rack PDU , Input: 230V , Input
Connections: IEC 309 16A 2P+E , Cord Length:
3 feet ( 0.91 meters ) , Output: 230V , Output
Connections: IEC 320 C13,IEC 320 C19
Includes
: Installation guide, Toolless Mounting Kit
Output
Nominal Output Voltage
230V
Maximum Total Current Draw per Phase
16A
Output Connections
Input
Nominal Input Voltage
230V
Input Frequency
50/60 Hz
Input Connections
Cord Length
0.91 meters
Number of Power Cords
1
Maximum Input Current per phase
16A
Load Capacity
3680 VA
Physical
Net Weight
4.86 KG
Maximum Height
1619.00 mm
Maximum Width
56.00 mm
Maximum depth
44.00 mm
Shipping Weight
5.77 KG
Shipping Height
2134.00 mm
Shipping Width
152.00 mm
Shipping Depth
127.00 mm
Color
Black
Environmental
Operating Environment
0 - 45 °C
Operating Relative Humidity
5 - 95%
Operating Elevation
0-3000 meters
Storage Temperature
-25 - 65 °C
Storage Relative Humidity
5 - 95%
Storage Elevation
0-15000 meters
Conformance
Regulatory Approvals
CCC,CE,GOST,IRAM,VDE
Standard Warranty
2 years repair or replace
Technical Specifications
Product OverviewDocumentationOptions
(20) IEC 320 C13
(4) IEC 320 C19
IEC 309 16A 2P+E


Similar Part No. - AP7551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
AP7583Q-33FDZW-7 DIODES-AP7583Q-33FDZW-7 Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
AP7583Q-50FDZW-7 DIODES-AP7583Q-50FDZW-7 Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
AP7583Q-FDZW-7 DIODES-AP7583Q-FDZW-7 Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
logo
A POWER MICROELECTRONIC...
AP75N02DF APME-AP75N02DF Datasheet
657Kb / 7P
20V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP7551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9551 ETC2-AP9551 Datasheet
39Kb / 1P
Rack PDU, Basic, Zero U, 20A, 120V, (14)5-15
AP9564 ETC2-AP9564 Datasheet
49Kb / 1P
Basic Rack PDU
AP9570 ETC2-AP9570 Datasheet
17Kb / 1P
Basic Rack PDU
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
AP9562 ETC2-AP9562 Datasheet
62Kb / 1P
Rack PDU, Basic, 1U, 15A, 120V, (10)5-15
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
PDU2430 TRIPPLITE-PDU2430_15 Datasheet
473Kb / 3P
2.9kW Single-Phase Basic PDU, 120V Outlets (245-15R), L5-30P, 15ft Cord, 1U Rack-Mount
logo
Schneider Electric
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
logo
List of Unclassifed Man...
AP7921B ETC1-AP7921B Datasheet
82Kb / 2P
Switched Rack PDU AP7921B
logo
Schneider Electric
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
Nov 27, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com