Electronic Components Datasheet Search
  English  ▼

X  

AP7722 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP7722
Description  Rack Automatic Transfer Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP7722 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP7722 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
World Wide[ Change]
HomeProducts
SupportServices
Selectors
How to Buy
Copyright© American Power Conversion Corp., all rights reserved
About APCInvestors
Job Seekers
Press
Feedback
ContactPrivacy Policy
APC
Rack Automatic Transfer Switch
Rack ATS, 16A, 230V, (2)IEC 309 in, (1)IEC 309
out
AP7722
Contact Sales
Email Technical Specifications
Printer Friendly
More Images
AP7722
Standard Lead Time
: Usually in Stock
APC Rack Automatic Transfer Switch ,
Input: 230V , Input Connections: IEC 309 16A
2P+E , Cord Length: 3 feet ( 0.91 meters ) ,
Output: 230V , Output Connections: IEC 309 16A
(2P+E)
Includes
: Rack Mounting brackets, User Manual
Output
Nominal Output Voltage
230V
Maximum Total Current Draw per Phase
16A
Output Connections
Cord Length
0.91 meters
Input
Nominal Input Voltage
230V
Input Frequency
50/60 Hz
Input Connections
Cord Length
0.91 meters
Number of Power Cords
2
Acceptable Input Voltage
200-240 VAC
Maximum Line Current per phase
16A
Maximum Input Current per phase
16A
Load Capacity
3840 VA
Physical
Net Weight
4.64 KG
Maximum Height
44.00 mm
Maximum Width
432.00 mm
Maximum depth
229.00 mm
Shipping Weight
7.14 KG
Shipping Height
70.00 mm
Shipping Width
597.00 mm
Shipping Depth
445.00 mm
Color
Black
Environmental
Operating Environment
0 - 45 °C
Operating Relative Humidity
0 - 95%
Operating Elevation
0-3000 meters
Storage Temperature
-15 - 65 °C
Storage Relative Humidity
0 - 95%
Storage Elevation
0-15000 meters
Conformance
Regulatory Approvals
C-tick,CE,EN 55022 Class A,EN 55024,EN 60950,VDE
Standard Warranty
2 years repair or replace
Technical Specifications
Product OverviewDocumentationOptions
(1) IEC 309 16A (2P+E)
IEC 309 16A 2P+E


Similar Part No. - AP7722

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP7731 SCHNEIDER-AP7731 Datasheet
88Kb / 2P
Rack ATS, 208V, 30A, (2) L6-30P in, (1) L6-30R Out
15 Jun 2020
AP7750A SCHNEIDER-AP7750A Datasheet
82Kb / 2P
Rack ATS, 100-120V, 15A, 5-15P In, (10) 5-15R Out
Oct 17, 2021
logo
Aplus Intergrated Circu...
AP777 APLUS-AP777 Datasheet
94Kb / 4P
Magic Sensor IC
AP778 APLUS-AP778 Datasheet
684Kb / 12P
GENERAL DESCRIPTION
AP778-01 APLUS-AP778-01 Datasheet
684Kb / 12P
GENERAL DESCRIPTION
More results

Similar Description - AP7722

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
logo
List of Unclassifed Man...
PX3TS ETC1-PX3TS Datasheet
520Kb / 3P
Intelligent Rack Transfer Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com