Electronic Components Datasheet Search
  English  ▼

X  

AP9570 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP9570
Description  Basic Rack PDU
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9570 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP9570 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
World Wide[ Change]
HomeProducts
SupportServices
Selectors
How to Buy
Copyright© American Power Conversion Corp., all rights reserved
About APCInvestors
Job Seekers
Press
Feedback
ContactPrivacy Policy
APC
Basic Rack PDU
Rack PDU, Basic, 1U, 30A, 208V, (4) C19s
AP9570
Email Technical Specifications
Printer Friendly
More Images
AP9570
AP9570
Standard Lead Time
: Usually in Stock
APC Basic Rack PDU , Input: 208V , Input
Connections: NEMA L6
-30P , Cord Length:
10 feet ( 3.05 meters ) , Output: 208V , Output
Connections: IEC 320 C19
Includes
: Installation guide, Rack Mounting
brackets
Output
Nominal Output Voltage
208V
Maximum Total Current Draw per Phase
24A
Output Connections
Overload Protection
Yes
Input
Nominal Input Voltage
208V
Input Frequency
50/60 Hz
Regulatory Derated Input Current
24A
Input Connections
Cord Length
3.05 meters
Number of Power Cords
1
Acceptable Input Voltage
200-240 VAC
Maximum Line Current per phase
30A
Maximum Input Current per phase
30A
Load Capacity
4992 VA
Physical
Net Weight
2.73 KG
Maximum Height
44.00 mm
Maximum Width
447.00 mm
Maximum depth
57.00 mm
Shipping Weight
3.86 KG
Shipping Height
70.00 mm
Shipping Width
464.00 mm
Shipping Depth
229.00 mm
Color
Black
Environmental
Operating Environment
0 - 45 °C
Operating Relative Humidity
0 - 95%
Operating Elevation
0-3000 meters
Storage Temperature
-25 - 65 °C
Storage Relative Humidity
0 - 95%
Storage Elevation
0-15000 meters
Conformance
Regulatory Approvals
cUL Listed,CSA,METI Denan,UL 60950,UL Listed
Standard Warranty
2 years repair or replace
Technical Specifications
Product OverviewDocumentationOptions
(4) IEC 320 C19
NEMA L6-30P


Similar Part No. - AP9570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
logo
Advanced Power Electron...
AP9571GP-HF A-POWER-AP9571GP-HF Datasheet
102Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9571GP-HF A-POWER-AP9571GP-HF_14 Datasheet
102Kb / 4P
Simple Drive Requirement
AP9571GS-HF A-POWER-AP9571GS-HF Datasheet
102Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9571GS-HF A-POWER-AP9571GS-HF_14 Datasheet
102Kb / 4P
Low On-resistance
More results

Similar Description - AP9570

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP9551 ETC2-AP9551 Datasheet
39Kb / 1P
Rack PDU, Basic, Zero U, 20A, 120V, (14)5-15
AP7551 ETC2-AP7551 Datasheet
16Kb / 1P
Basic Rack PDU
AP9564 ETC2-AP9564 Datasheet
49Kb / 1P
Basic Rack PDU
AP9571 ETC2-AP9571 Datasheet
83Kb / 2P
Rack PDU Basic 1U 30A 208V (12) C13
AP9562 ETC2-AP9562 Datasheet
62Kb / 1P
Rack PDU, Basic, 1U, 15A, 120V, (10)5-15
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
PDU2430 TRIPPLITE-PDU2430_15 Datasheet
473Kb / 3P
2.9kW Single-Phase Basic PDU, 120V Outlets (245-15R), L5-30P, 15ft Cord, 1U Rack-Mount
logo
Schneider Electric
AP9568 SCHNEIDER-AP9568 Datasheet
74Kb / 2P
Rack PDU, Basic, Zero U, 10A,230V, (15)C13
Sep 2, 2020
logo
List of Unclassifed Man...
AP7921B ETC1-AP7921B Datasheet
82Kb / 2P
Switched Rack PDU AP7921B
logo
Schneider Electric
AP6031A SCHNEIDER-AP6031A Datasheet
61Kb / 2P
Rack PDU, Basic, 0U/1U, 208V, 30A, (4) C19
Nov 27, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com