Electronic Components Datasheet Search
  English  ▼

X  

AP9571 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP9571
Description  Rack PDU Basic 1U 30A 208V (12) C13
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9571 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP9571 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP9571 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rack PDU, Basic, 1U, 30A, 208V, (12) C13
Net Weight
5.60 lbs. ( 2.55 kg)
Maximum Height
1.70 inches ( 43 mm)
Maximum Width
17.50 inches (445 mm)
Maximum depth
2.50 inches ( 64 mm)
Shipping Weight
8.00 lbs. ( 3.64 kg)
Shipping Height
6.00 inches (152 mm)
Shipping Width
19.12 inches (486 mm)
Shipping Depth
6.95 inches (177 mm)
Color
Black
Environmental
Operating Environment
-15 - 45 °C (5 - 113 °F)
Operating Relative Humidity
5 - 95%
Operating Elevation
0-15000 feet (0-4500 meters)
Storage Temperature
-25 - 65 °C (-13 - 149 °F)
Storage Relative Humidity
5 - 95%
Storage Elevation
0-50000 feet (0-15000 meters)
Conformance
Regulatory Approvals
cUL Listed,UL 60950,UL Listed
Standard Warranty
2 years repair or replace
Copyright © American Power Conversion Corp., all rights reserved
About APCInvestorsJob SeekersPressFeedbackContactPrivacy Policy
http://www.apc.com/resource/include/techspec_index.cfm?base_sku=AP9571 (2 of 2)2/14/2006 3:20:19 PM



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com