Electronic Components Datasheet Search
  English  ▼

X  

AWAC24U Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AWAC24U
Description  HARDWARE DESIGN GUIDE FOR ARTAFLEX WIRELESS MODULES
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AWAC24U Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AWAC24U Datasheet HTML 3Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 4Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 5Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 6Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 7Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 8Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 9Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 10Page - List of Unclassifed Manufacturers AWAC24U Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Artaflex Inc.
215 Konrad Crescent
File:
AN-121-0001-R2
Markham, Ontario, Canada
L3R8T9
Page 7 of 23
(905) 479-0148
http://www.artaflexmodules.com
10
PACTL
I/O
NC
No Connect – Leave Open Circuit
[8]
11
TXPA
I/O
NC
No Connect – Leave Open Circuit
[8]
12
RXPA
I/O
NC
No Connect – Leave Open Circuit
[8]
c. AWA24S - Power Amplifier Module
Size:
25.4 mm x 20.32 mm
AWA24S Connector Pin Information
Pin
Name
Type
Default
Description
1
GND
Power
GND
Ground
2
VCC
Power
VCC
Main Supply 2.4 to 3.6 volts
3
IRQ
I/O
-
Interrupt output (configurable active high or low), or GPIO
4
RST
Input
Input
Module Reset. Internal on Chip 10k-ohm pull-down resistor. Active HIGH
5
MOSI
I/O
Input
SPI data input, or SDAT
6
SS
Input
Pull Up
SPI Interface enable, Active LOW
7
SCK
Input
Input
SPI Clock
8
MISO
I/O
Hi Z
SPI data output pin or GPIO in 3-pin SPI mode.
9
GND
Power
GND
Ground
10
*PACTL
Power
VCC
Power Control – max power at 3.3V - Shut down “0V”
11
TXPA
Input
Input
Active High to set Module into a Transmit mode (RXPA = Low)
12
RXPA
Input
Input
Active High to set the Module into a Receive mode (TXPA = Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com