Electronic Components Datasheet Search
  English  ▼

X  

ML9476 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML9476
Description  1/3 or 1/4 Duty, 16-Output LCD Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9476 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML9476 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9476 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FEDL9476-01
ML9476
4/20
PIN DESCRIPTION
Symbol
I/O
Description
OSC
I/O
Pin for oscillation. Has a Schmitt circuit built in.
An oscillator circuit can be configured by connecting one external resistor and one
external capacitor.
Since an oscillator circuit is susceptible to external noise, make the wiring
between this pin and external components as short as possible. An external clock
input can be selected by CLKSEL.
The relationship between oscillation frequency fOSC and frame frequency fFRM is:
fFRM = fOSC/24
(*1)
DATA_IN
I
Serial data input pin. Has a Schmitt circuit built in.
The LCD display is turned on when the input data signal is at a “H” level and
turned off when the input data signal is at a “L” level.
CLOCK
I
Shift clock input pin. Has a Schmitt circuit built in.
Data to the DATA_IN pin is shifted in sync with the rising edges of the shift clock
pulses.
LOAD
I
Load pulse input pin. Has a Schmitt circuit built in.
Used to transfer serially input data to the display latch or write commands.
TEST
I
IC test pin. Has a pull-down resistor built in.
Leave this pin open or connect it to VSS when not used.
CLKSEL
I
OSC pin input switching pin.
When using the built-in oscillator circuit, set this pin to a “L” level; when inputting
an external clock, set this pin to a “H” level. While this pin is at a “H” level, the
oscillator circuit connected is disabled.
3/4SEL
I
1/3- or 1/4-duty switching input pin. When “H” level is input, 1/3 duty is selected
and when “L” level is input, 1/4 duty is selected.
RESET
I
Reset signal input pin for initializing the IC. Has a Schmitt circuit built in.
This pin is enabled by setting it to “L” level. This pin has a built-in pull-up resistor.
Normally, this pin, when connected with an external capacitor, performs power-on
reset.
(*2)
COM1
COM2
COM3
COM4
O
Output pins for LCD display. Connect to the common pins of the LCD panel.
- When 1/3 duty is selected:
Common signals are outputted through the COM1, COM2, and COM3 pins.
Leave the COM4 pin open.
- When 1/4 duty is selected:
Common signals are outputted through the COM1, COM2, COM3, and COM4
pins.
SEG1 to SEG16
O
Output pins for LCD display. Connect to the segment pins of the LCD panel.
For the relationship between each output of these pins and data, see the section
on “Data Structure.”
LVDD

Logic power supply pin.
DVDD

LCD driver power supply pin.
VSS

Ground pin.
N.C

No-Connection pin. Normally leave this pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com