Electronic Components Datasheet Search
  English  ▼

X  

ML9478C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # ML9478C
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 80 Outputs LCD Driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9478C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  ML9478C Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9478C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
FEDL9478C-01
ML9478C
4/31
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta= -40 to +105°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pin
"H" input voltage
VIH
—
0.8VDD
—
VDD
V
(*1)
"L" input voltage
VIL
—
GND
—
0.2VDD
V
(*1)
Input leakage current 1
IL1
VI = VDD or 0 V
-1.0
—
1.0
μA
(*1)
Input leakage current 2
IL2
VI = VDD or 0V
POCEB="H"
-1.0
—
1.0
μA
RESETB
Pull-up current
Ipu
VDD = 5.0V,VI = 0 V
POCEB = "L"
30
—
140
μA
RESETB
"H" output voltage
VOH
IO = -600uA
0.9VDD
—
—
V
CKO, SYNCB
"L" output voltage 1
VOL1
IO = 600uA
—
—
0.1VDD
V
CKO, SYNCB
"L" output voltage 2
VOL2
IO = 600uA
—
—
0.1VDD
V
SDAACK
Segment
VOHS
VLCD = 5V
—
5
15
kΩ
SEG1 to SEG80
Driver
ON resistor
Common
VOHC
VLCD = 5V
—
5
12
kΩ
COM 1 to COM4
(*1) : DATA(SDA), CLOCK(SCL), LOAD, M/S, SYNCB, Duty1, Duty0, BIAS, SA1,SA0, A1, A0, OSC1,
OSC I/E, I2C, POCEB
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta= -40 to +105°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
pin
IDDS
—
8
15
μA
VDD
Static supply
current
ILCDS
VDD=VLCD=5.5 V
Input pin fixed to "H" or "L"
Oscillation stopped, output no-load
POCEB="L"
—
9
15
μA
VLCD
IDD1
(*6)
—
10
18
μA
VDD
Dynamic supply
current 1
ILCD1
VDD=VLCD= 5.5 V (*2)(*3)
Clock OSC1 external input
fCP1=1.8kHz
(*7)
—
9
15
μA
VLCD
IDD2
(*6)
—
61
90
μA
VDD
Dynamic supply
current 2
ILCD2
VDD=VLCD= 5.5 V (*2)(*3)
Internal oscillation
(*7)
—
9
15
μA
VLCD
IDD3
—
130
250
μA
VDD
Dynamic supply
current 3
ILCD3
VDD=VLCD= 5.5 V (*2)(*4)(*6)
Internal oscillation
At three-wire serial IF data input
—
9
15
μA
VLCD
IDD4
—
202
330
μA
VDD
Dynamic supply
current 4
ILCD4
VDD=VLCD= 5.5 V (*2)(*5)(*6)
Internal oscillation
At I
2C IF data input
—
9
15
μA
VLCD
(*2) : M/S = "H", 1/4-duty, 1/3-bias, (F1,F0) = (1,1) 95 Hz, POCEB = "L", output pin no-load.
(*3) : Three-wire serial or I2C interface. Input pin fixed to "H" or "L".
(*4) : Serial interface, data input frequency = 1 MHz.
(*5) : I2C interface, data input frequency = 400 kHz.
(*6) : Alternately inputs "0" and "1" for LCD display data (checkered display).
(*7) : Inputs all "1s" for LCD display data (all illuminated).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com