Electronic Components Datasheet Search
  English  ▼

X  

ML9480 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML9480
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 40 Outputs LCD Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9480 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML9480 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML9480 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FEDL9480-01
ML9480
21/37
• Data configuration (I2C interface, When MODE pin is "H")
R/W
S
01
1100 SA0 0
A
C
A MSB
LSB
AP
Salve address: 0 1 1 1 0 0
C:Consecutive control byte setting bit
0:Last control byte, 1:Consecutive control byte
Slave address
COMMAND
DISPLAY DATA
For the I2C interface, each IC is assigned with a 7-bit slave address. The first one byte in the transfer consists of
this 7-bit slave address and the R/W bit that indicates the data transfer direction. Always input "0" to the eighth
R/W bit because the ML9480 is a write-only LSI.
The eight bits next to the slave address is a control byte. The first one bit is CO: consecutive command setting
bit.
When CO = "0": Means the last control byte.
When CO = "1": Means the control bytes are successively input.
Data write method
• Serial interface
The data is written to the address set by the data write setting command (F3).
For the Serial interface, the data is written in units of 40 bits.
Written from D40 to SEG1, D39 to SEG2, ... , D2 to SEG39, and D1 to SEG40.
MSB
Segment Output
LSB
1
2
3
4
32
33
34
35
36
37
38
39
40
COM1
D40 D39 D38 D37
D9
D8
D7
D6
D5
D4
D3
D2
D1
COM2
D40 D39 D38 D37
D9
D8
D7
D6
D5
D4
D3
D2
D1
COM3
D40 D39 D38 D37
D9
D8
D7
D6
D5
D4
D3
D2
D1
COM4
D40 D39 D38 D37
D9
D8
D7
D6
D5
D4
D3
D2
D1
• I2C interface (When MODE pin is "L")
The data is written to the address set by the slave address.
For the I2C interface (When MODE pin is "L"), the data is written to the specified address starting with the
LSB side in units of 8 bits.
(The data is written in the order from SEG33-40, SEG25-SEG32, SEG17-SEG24, SEG9-SEG16, and
SEG1-SEG8.)
LSB
Segment Output
MSB
1234
32
33
34
35
36
37
38
39
40
COM1
D1
D2
D3
D4
D8
D1
D2
D3
D4
D5
D6
D7
D8
COM2
D1
D2
D3
D4
D8
D1
D2
D3
D4
D5
D6
D7
D8
COM3
D1
D2
D3
D4
D8
D1
D2
D3
D4
D5
D6
D7
D8
COM4
D1
D2
D3
D4
D8
D1
D2
D3
D4
D5
D6
D7
D8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com