Electronic Components Datasheet Search
  English  ▼

X  

ML9484 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ML9484
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9484 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ML9484 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9484 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
FEDL9484-01
ML9484
5/29
ELECTRICAL CHARACTERISTICS
DC Characteristics
(VDD = 2.7 to 5.5 V, VLCD = 4.5 to 5.5 V, Ta= -40 to +105°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable
pin
"H" input voltage
VIH
—
0.8VDD
—
VDD
V
(*1)
"L" input voltage
VIL
—
GND
—
0.2VDD
V
(*1)
Input leakage current 1
IL1
VI = VDD or 0 V
-1
—
1
μA
(*2)
Input leakage current 2
IL2
VI = VDD
-1
—
1
μA
RESETB
Pull-up current
Ipu
VDD = 5.0V,VI = 0 V
30
—
140
μA
RESETB
Segment
VOHS
VLCD = 5V
—
5
15
kΩ
SEG1 to
SEG50
Driver
ON resistor
Common
VOHC
VLCD = 5V
—
5
12
kΩ
COM 1 to
COM4
IDDS
—
1
7
μA
VDD
Static supply current
ILCDS
VDD=VLCD=5.5 V
Input pin fixed to "H" or "L"
Oscillation stopped,
output no-load
—
9
15
μA
VLCD
IDD1
—
2
10
μA
VDD
Dynamic supply
current 1
ILCD1
VDD=VLCD= 5.5 V (*3)
Clock OSC external input
fCP1=1.8kHz
—
9
15
μA
VLCD
IDD2
—
53
82
μA
VDD
Dynamic supply
current 2
ILCD2
VDD=VLCD= 5.5 V (*4)
Internal oscillation=95Hz
—
9
15
μA
VLCD
(*1) : DATA, CLOCK, LOAD, RESETB, OSC, OSC I/E
(*2) : DATA, CLOCK, LOAD, OSC, OSC I/E
(*3) : 1/4-duty, 1/3-bias, OSCI/E=”L”, Output pin no-load.
(*4) : 1/4-duty, 1/3-bias, OSCI/E=”H”, (F2, F, F0) = (0, 1, 1) 95 Hz, Output pin no-load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com