Electronic Components Datasheet Search
  English  ▼

X  

ML610401 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610401
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610401 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610401 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610401 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
FEDL610403-02
ML610401/ML610402/ML610403
9/31
ML610402 Chip Pin Layout & Dimension
31 SEG11
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
COM4/SEG2
COM3/SEG1
COM2/SEG0
COM1
COM0
C2
C1
48
P01
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
P02
P03
P30
P31
P34
P32
P33
P35
P53
P52
P51
P50
P40
P41
P42
1.75mm
1.82mm
X
Y
Note:
The assignment of the pads P30 to P35 are not in order.
Chip size: 1.82 mm × 1.75 mm
PAD count: 63 pins
Minimum PAD pitch: 80
μm
PAD aperture: 70
μm×70μm
Chip thickness: 350
μm
Voltage of the rear side of chip: VSS level.
Figure 6 ML610402 Chip Layout & Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com