Electronic Components Datasheet Search
  English  ▼

X  

ML610404 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610404
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610404 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610404 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610404 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
FEDL610406-02
ML610404/ML610405/ML610406
9/33
Pin Layout of ML610405 Chip
Note:
The assignment of the pads P30 to P35 are not in order.
Chip size: 2.1 mm × 2.1 mm
PAD count: 78 pins
Minimum PAD pitch: 80
μm
PAD aperture: 70
μm×70μm
Chip thickness: 350
μm
Voltage of the rear side of chip: VSS level.
Figure 6 Dimensions of ML610405 Chip
29
28
27
26
P53
P54
P55
P56
P57
P35
P33
P32
P34
P31
71
P30
70
P04
69
P03
68
P02
67
P01
66
P00
65
P24
64
63
78
77
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
COM4/SEG2
COM3/SEG1
COM2/SEG0
COM1
COM0
C2
C1
32
31
30
35
34
33
38
37
36
21
20
39
22
25
24
23
73
72
75
74
Y
X
2.1 mm
2.1 mm
76
P52
P51
62
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com