Electronic Components Datasheet Search
  English  ▼

X  

ML610406 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML610406
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610406 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML610406 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML610406 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
FEDL610406-02
ML610404/ML610405/ML610406
21/33
DC CHARACTERISTICS (2/5)
(VDD=1.25 to 3.6V, VSS=0V, Ta=-20 to +70°C, Ta=-40 to +85°C for P version, unless otherwise specified)
Rating
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
fOP = 30k to 625kHz
1.1
1.2
1.3
VDDL voltage
VDDL
fOP = 30k to 2.5MHz
1.35
1.5
1.65
V
VDDL temperature
deviation *
1
ΔVDDL
VDD = 3.0V
⎯
-1
⎯
mV/
°C
VDDL voltage
dependency *
1
ΔVDDL
⎯
⎯
5
20
mV/V
1
*
1: The maximum VDDL voltage becomes the VDD voltage level when the VDDL voltage determined by the temperature and voltage deviations
mathematically exceeds the VDD voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com