Electronic Components Datasheet Search
  English  ▼

X  

ML610407 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ML610407
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610407 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ML610407 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610407 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
FEDL610409-05
ML610407/ML610408/ML610409
9/36
ML610408 Chip Pad Layout & Dimension
Note:
The assignment of the pads P30 to P35 are not in order.
Chip size: 2.26 mm × 2.17 mm
PAD count: 86 pins
Minimum PAD pitch: 80
μm
PAD aperture: 70
μm×70μm
Chip thickness: 350
μm
Voltage of the rear side of chip: VSS level.
Figure 6 ML610408 Chip Pin Layout & Dimension
28
27
26
25
P53
P54
P55
P56
P57
P35
P33
P32
P34
P31
86
P30
85
P04
84
P03
83
P02
82
P01
81
P00
80
P24
79
P22
78
P21
77
P20
76
VSS
SEG17
SEG16
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
COM4/SEG2
COM3/SEG1
COM2/SEG0
COM1
COM0
C2
C1
31
30
29
34
33
32
37
36
35
40
39
38
43
42
41
24
23
22
72
71
70
69
68
67
74
73
Y
X
2.17mm
2.26mm
66
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com