Electronic Components Datasheet Search
  English  ▼

X  

ML610408 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML610408
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610408 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML610408 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML610408 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
FEDL610409-05
ML610407/ML610408/ML610409
21/36
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
(VSS= 0V)
Parameter
Symbol
Condition
Rating
Unit
Power supply voltage 1
VDD
Ta=25°C
-0.3 to +4.6
V
Power supply voltage 2
VDDL
Ta=25°C
-0.3 to +3.6
V
Power supply voltage 3
VL1
Ta=25°C
-0.3 to +2.0
V
Power supply voltage 4
VL2
Ta=25°C
-0.3 to +4.0
V
Power supply voltage 5
VL3
Ta=25°C
-0.3 to +6.0
V
Input voltage
VIN
Ta=25°C
-0.3 to VDD+0.3
V
Output voltage
VOUT
Ta=25°C
-0.3 to VDD+0.3
V
output current 1
IOUT1
Port 3 to 6, Ta=25°C
-12 to +11
mA
Output current 2
IOUT2
Port 2, Ta=25°C
-12 to +20
mA
Power dissipation
PD
Ta=25°C
0.9
W
Storage temperature
TSTG
―
-55 to +150
°C
Recommended Operating conditions
(VSS= 0V)
Parameter
Symbol
Condition
Range
Unit
without P version
-20 to +70
Operating temperature
TOP
P version
-40 to +85
°C
fOP=30k to 625kHz
1.25 to 3.6
Operating voltage
VDD
fOP=30k to 2.5MHz
1.8 to 3.6
V
VDD=1.25 to 3.6V
30k to 625k
Operating frequency
(CPU)
fOP
VDD=1.8 to 3.6V
30k to 2.5M
Hz
Low-speed crystal
oscillation frequency
fXTL
―
32.768k
Hz
CDL
―
3 to 18
Low-speed crystal
oscillation
external capacitance
CGL
―
3 to 18
pF
VDD pin external
capacitance
CV
―
1.0±30% to 2.2±30%*1
μF
VDDL pin external
capacitance
CL
―
0.47±30% to 2.2±30%*2
μF
VL1, 2, or 3 pin external
capacitance
Ca,b,c
―
0.1±30%
μF
Pin-to-pin (C1 to C2)
external capacitance
C12
―
0.47±30%
μF
*1: Please select as CV is larger than CL or same as CL.
*2: When the load of VDD is small and the power rise time is too short, it may happen that the power-on reset is not
generated. In this case please select CL with larger capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com