Electronic Components Datasheet Search
  English  ▼

X  

ML610472 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML610472
Description  8-bit Microcontroller with a Built-in LCD driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610472 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML610472 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML610472 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
FEDL610473-07
ML610471/472/473/Q471/Q472/Q473
21/41
PIN No.
Primary function
Secondary function
48
(*1)
64
(*2)
PAD
No.
(MASK)
PAD
No.
(FLASH)
Pin name
I/O
Function
Pin name
I/O
Function
18
25
18
18
COM0
O
LCD common pin
⎯
⎯
⎯
19
26
19
19
COM1
O
LCD common pin
⎯
⎯
⎯
20
27
20
20
COM2/
SEG0
O
LCD common/segment pin
⎯
⎯
⎯
21
28
21
21
COM3/
SEG1
O
LCD common/segment pin
⎯
⎯
⎯
22
29
22
22
COM4/
SEG2
O
LCD common/segment pin
⎯
⎯
⎯
23
30
23
23
SEG3
O
LCD segment pin
⎯
⎯
⎯
24
31
24
24
SEG4
O
LCD segment pin
⎯
⎯
⎯
25
34
25
25
SEG5
O
LCD segment pin
⎯
⎯
⎯
26
35
26
26
SEG6
O
LCD segment pin
⎯
⎯
⎯
27
36
27
27
SEG7
O
LCD segment pin
⎯
⎯
⎯
28
37
28
28
SEG8
O
LCD segment pin
⎯
⎯
⎯
29
38
29
29
SEG9
O
LCD segment pin
⎯
⎯
⎯
30
39
30
30
SEG10
O
LCD segment pin
⎯
⎯
⎯
31
40
31
31
SEG11
O
LCD segment pin
⎯
⎯
⎯
32
41
32
32
SEG12
O
LCD segment pin
⎯
⎯
⎯
33
42
33
33
SEG13
O
LCD segment pin
⎯
⎯
⎯
P67
(*4)
Output port
⎯
⎯
⎯
34
44
34
34
SEG14
(*5)(*
6)
O
LCD segment pin
⎯
⎯
⎯
P66
(*4)
Output port
⎯
⎯
⎯
35
45
35
35
SEG15
(*5)
(*6)
O
LCD segment pin
⎯
⎯
⎯
P65
(*4)
Output port
⎯
⎯
⎯
36
46
36
36
SEG16
(*5)
(*6)
O
LCD segment pin
⎯
⎯
⎯
P64
(*5)
Output port
⎯
⎯
⎯
37
50
37
37
SEG17
(*5)
(*6)
O
LCD segment pin
⎯
⎯
⎯
P63
(*4) (*5)
Output port
⎯
⎯
⎯
38
51
38
38
SEG18
(*6)
O
LCD segment pin
⎯
⎯
⎯
P62
(*4) (*5)
Output port
⎯
⎯
⎯
39
52
39
39
SEG19
(*6)
O
LCD segment pin
⎯
⎯
⎯
P61
(*4) (*5)
Output port
⎯
⎯
⎯
40
53
40
40
SEG20
(*6)
O
LCD segment pin
⎯
⎯
⎯
P60
(*4) (*5)
Output port
⎯
⎯
⎯
41
54
41
41
SEG21
(*6)
O
LCD segment pin
⎯
⎯
⎯
(*1) 48pin TQFP. (*2) 64pin TQFP ,
(*3) Pad for ML610Q471/ML610Q472/ML610Q473
(*4) Pad for ML610471/ML610Q471
(*5) Pad for ML610472/ML610Q472
(*6) Pad for ML610473/ML610Q473.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com