Electronic Components Datasheet Search
  English  ▼

X  

UTR41 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UTR41
Description  FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UTR41 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UTR41 Datasheet HTML 1Page - Digitron Semiconductors UTR41 Datasheet HTML 2Page - Digitron Semiconductors UTR41 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UTR10-UTR60, UTR01-UTR61, UTR02-UTR62
FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS
Characteristic
½ amp series
1 amp series
2 amp series
Maximum average DC output current
@ TA = 25°C
@ TA = 100°C
0.5A
0.25A
1.0A
0.5A
2.0A
1.0A
Non-repetitive sinusoidal
Surge current (8.3ms)
15A
20A
25A
Operating temperature range
-195 to +175°C
Storage temperature range
-195 to +200°C
ELECTRICAL CHARACTERISTICS (@25°C unless otherwise noted)
Maximum leakage
current @ PIV
Maximum
junction
capacitance @
25°C
Part number
Peak inverse
voltage
Maximum forward
voltage drop
25°C
100°C
Maximum reverse
recovery time *
0V
-10V
UTR02
50V
150pf
60pF
UTR12
100V
100pf
40pF
UTR22
200V
250ns
80pf
32pF
UTR32
300V
300ns
70pf
28pF
UTR42
400V
350ns
60pf
24pF
UTR52
500V
50pf
20pF
UTR62
600V
1.1V @ 1000mA
3µA
100µA
400ns
40pf
16pF
UTR01
50V
150pf
60pF
UTR11
100V
100pf
40pF
UTR21
200V
250ns
80pf
32pF
UTR31
300V
300ns
70pf
28pF
UTR41
400V
350ns
60pf
24pF
UTR51
500V
50pf
20pF
UTR61
600V
1.1V @ 500mA
3µA
100µA
400ns
40pf
16pF
UTR10
100V
100pf
40pF
UTR20
200V
250ns
80pf
32pF
UTR30
300V
300ns
70pf
28pF
UTR40
400V
350ns
60pf
24pF
UTR50
500V
50pf
20pF
UTR60
600V
1.1V @ 200mA
3µA
100µA
400ns
40pf
16pF
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121119


Similar Part No. - UTR41

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UTR41 MICROSEMI-UTR41 Datasheet
145Kb / 3P
RECTIFIERS
More results

Similar Description - UTR41

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com