Electronic Components Datasheet Search
  English  ▼

X  

UT2020 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UT2020
Description  STANDARD RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UT2020 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UT2020 Datasheet HTML 1Page - Digitron Semiconductors UT2020 Datasheet HTML 2Page - Digitron Semiconductors UT2020 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121011
UT2005-UT2060
STANDARD RECOVERY RECTIFIERS
UT3005-UT3060
UT4005-UT4060
MAXIMUM RATINGS
Peak inverse voltage
2 Amp Series
3 Amp Series
4 Amp Series
50V
UT2005
UT3005
UT4005
100V
UT2010
UT3010
UT4010
200V
UT2020
UT3020
UT4020
400V
UT2040
UT3040
UT4040
600V
UT2060
UT3060
UT4060
Rating
2 Amp Series
3 Amp Series
4 Amp Series
Maximum average DC output
current
@ TA = 25°C
@ TA = 100°C
2.0A
1.0A
3.0A
1.5A
4.0A
2.0A
Non repetitive sinusoidal
Surge current (8.3ms)
60A
80A
100A
Operating temperature range
-195° to 175°C
Storage temperature range
-195° to 200°C
Thermal resistance
See lead temperature derating curve
ELECTRICAL CHARACTERISTICS (25°C unless otherwise specified)
Maximum leakage current at peak
inverse voltage
Peak inverse voltage
Maximum forward voltage drop
25°C
100°C
Part number
Volts
Volts
Amps
µA
µA
UT4005
50
1
3
5
100
UT4010
100
1
3
5
100
UT4020
200
1
3
5
100
UT4040
400
1
3
5
100
UT4060
600
1
3
5
100
UT3005
50
1
2
5
100
UT3010
100
1
2
5
100
UT3020
200
1
2
5
100
UT3040
400
1
2
5
100
UT3060
600
1
2
5
100
UT2005
50
1
1
5
100
UT2010
100
1
1
5
100
UT2020
200
1
1
5
100
UT2040
400
1
1
5
100
UT2060
600
1
1
5
100


Similar Part No. - UT2020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UT2020 MICROSEMI-UT2020 Datasheet
139Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UT2020 NJSEMI-UT2020 Datasheet
92Kb / 2P
Standard Recovery, 2 Amp to 4 Amp
logo
TRIAD MAGNETICS
UT2020-001 TRIAD-UT2020-001 Datasheet
97Kb / 1P
Switch mode/High Frequency Common Mode Inductors
UT2020-002 TRIAD-UT2020-002 Datasheet
97Kb / 1P
Switch mode/High Frequency Common Mode Inductors
UT2020-003 TRIAD-UT2020-003 Datasheet
97Kb / 1P
Switch mode/High Frequency Common Mode Inductors
More results

Similar Description - UT2020

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
Rectifiers Standard Recovery
logo
Digitron Semiconductors
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIERS
A14A DIGITRON-A14A Datasheet
106Kb / 2P
STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
STANDARD RECOVERY RECTIFIERS
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
STANDARD RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com