Electronic Components Datasheet Search
  English  ▼

X  

UES1306 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UES1306
Description  RECTIFIERS HIGH EFFICIENCY, 5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UES1306 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UES1306 Datasheet HTML 1Page - Digitron Semiconductors UES1306 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UES1304 – UES1306
RECTIFIERS
HIGH EFFICIENCY, 5A
MAXIMUM RATINGS
Peak Inverse Voltage:
UES1304
UES1305
UES1306
200V
300V
400V
Maximum Average D.C. Output Current: IO
@ TA = 25°C (Free Air)
@ TL = 50°C, L = ⅜”
3A
5A
Surge Current @ 8.3ms:
70A
Thermal Resistance @ L = ⅜”:
20°C/W
Operating and Storage Temperature Range:
-55°C to +150°C
ELECTRICAL CHARACTERISTICS
Maximum forward voltage
Maximum reverse current
Part number
PIV
TJ = 25°C
TJ = 100°C
TJ = 25°C
TJ = 100°C
Maximum
reverse recovery
time
UES1304
200V
UES1305
300V
UES1306
400V
1.25V @ 3A
tp = 300µS
1.15V @ 3A
tp = 300µS
20µA
500µA
50ns
*Measured in circuit IF = ½A, IR 1.0A, IREC = ¼A
MECHANICAL CHARACTERISTICS
Marking
Body Painted, Alpha-Numeric
Polarity
Cathode Band
Weight
1.5 grams (approximate)
Inches
Millimeters
Dim
Min
Max
Min
Max
BD
-
0.135
-
3.429
BL
-
0.250
-
6.350
LD
0.038
0.042
0.965
1.067
LL
0.975
-
24.765
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120706


Similar Part No. - UES1306

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES1306 MICROSEMI-UES1306 Datasheet
94Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES1306 NJSEMI-UES1306 Datasheet
81Kb / 1P
High Efficiency, 5A
More results

Similar Description - UES1306

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
logo
Delta Electronics, Inc.
T48SR05005 DELTA-T48SR05005 Datasheet
439Kb / 12P
High efficiency : 86% @ 5V/5A
logo
New Jersey Semi-Conduct...
UES1304 NJSEMI-UES1304 Datasheet
81Kb / 1P
High Efficiency, 5A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com