Electronic Components Datasheet Search
  English  ▼

X  

UES1302 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UES1302
Description  HIGH EFFICIENCY RECTIFIERS 3.5 AMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UES1302 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UES1302 Datasheet HTML 1Page - Digitron Semiconductors UES1302 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UES1301-UES1303
HIGH EFFICIENCY RECTIFIERS
3.5 AMP
MAXIMUM RATINGS
Characteristics
Symbol
UES1301
UES1302
UES1303
Peak inverse voltage
VR
50V
100V
150V
Maximum average DC output at TL = 75°C, L = ⅜”
IO
6.0A
Non-repetitive surge current at 8.3ms
IFSM
125A
Thermal resistance at L = ⅜”
R
ӨJC
20°C/W
Junction operating temperature
TJ
175°C
Operating and storage temperature range
TJ, Tstg
-55° to +175°C
ELECTRICAL CHARACTERISTICS (@ 25°C unless noted)
Maximum forward voltage
drop
Maximum leakage current
Maximum reverse recovery
time
Part
number
Peak
inverse
voltage
TJ = 25°C
TJ = 100°C
TJ = 25°C
TJ = 100°C
IF = 0.5A
IR = 1.0A
IREC = 0.25A
UES1301
50V
UES1302
100V
UES1303
150V
0.925V @ 6A
0.850V @
6A
5µA
150µA
30ns
MECHANICAL CHARACTERISTICS
Case
Digi B
Marking
Alpha-numeric, Body painted
Polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - UES1302

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES1302 MICROSEMI-UES1302 Datasheet
86Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES1302 NJSEMI-UES1302 Datasheet
81Kb / 1P
High Efficiency, 3.5A
More results

Similar Description - UES1302

ManufacturerPart #DatasheetDescription
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER801 BYTES-HER801 Datasheet
162Kb / 2P
8.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER151 DGNJDZ-HER151 Datasheet
215Kb / 2P
1.5 AMP HIGH EFFICIENCY RECTIFIERS
HER201 DGNJDZ-HER201 Datasheet
221Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
HER1601 DGNJDZ-HER1601 Datasheet
180Kb / 2P
16.0 AMP HIGH EFFICIENCY RECTIFIERS
UF3001 DGNJDZ-UF3001 Datasheet
204Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
US3A DGNJDZ-US3A Datasheet
121Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
US4A DGNJDZ-US4A Datasheet
79Kb / 2P
4.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
HER301 YIXIN-HER301 Datasheet
255Kb / 2P
3.0 AMP HIGH EFFICIENCY RECTIFIERS
UF4001 YIXIN-UF4001 Datasheet
153Kb / 2P
1.0 AMP HIGH EFFICIENCY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com