Electronic Components Datasheet Search
  English  ▼

X  

UES1105 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UES1105
Description  HIGH-EFFICIENCY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UES1105 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UES1105 Datasheet HTML 1Page - Digitron Semiconductors UES1105 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UES1104 – UES1106
HIGH-EFFICIENCY RECTIFIERS
MAXIMUM RATINGS
UES1104 - UES1106
Peak Inverse Voltage:
UES1104
UES1105
UES1106
200V
300V
400V
Maximum Average D.C. Output Current: IO
@ TA = 25°C (Free Air)
@ TL = 50°C, L = ⅜”
1A
2A
Surge Current (8.3ms)
20A
Thermal Resistance @ L = ⅜”
38°C/W
Operating & Storage Temperature Range
-55°C to +150°C
ELECTRICAL CHARACTERISTICS
Maximum Forward
Voltage
Maximum Reverse Current
Type
PIV
TJ = 25°C
TJ = 100°C
@ PIV, TJ = 25°C
TJ = 100°C
Maximum Reverse Recovery
Time*
UES1104
UES1105
UES1106
200V
300V
400V
1.25V @ 1A
tp = 300µs
1.15V @ 1A
tp = 300µs
10µA
200µA
50ns
*Measured in circuit IF = 0.5A, IR = 1A, IREC = 0.25A
MECHANICAL CHARACTERISTICS
Case:
Glass
Marking:
Body Painted, Alpha-
Numeric
Polarity:
Cathode Band
Dimensions
UES1104 – UES1106
Inches
Millimeters
LTR.
Min
Max
Min
Max
BD
—
0.095
—
2.160
BL
—
0.250
—
6.350
LD
0.028
0.032
0.740
0.800
LL
0.700
—
17.800
—
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120730


Similar Part No. - UES1105

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES1105 MICROSEMI-UES1105 Datasheet
93Kb / 3P
RECTIFIERS
logo
New Jersey Semi-Conduct...
UES1105 NJSEMI-UES1105 Datasheet
109Kb / 3P
RECTIFIERS
UES1105HR NJSEMI-UES1105HR Datasheet
109Kb / 3P
RECTIFIERS
More results

Similar Description - UES1105

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER101 HY-HER101 Datasheet
35Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201 SECOS-HER201 Datasheet
150Kb / 2P
High Efficiency Rectifiers
logo
Shenzhen Taychipst Elec...
UF5400 TAYCHIPST-UF5400 Datasheet
880Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
HER510T LUGUANG-HER510T Datasheet
208Kb / 2P
High Efficiency Rectifiers
HER1010 LUGUANG-HER1010 Datasheet
209Kb / 2P
High Efficiency Rectifiers
EG01Y LUGUANG-EG01Y Datasheet
174Kb / 2P
High Efficiency Rectifiers
EGP50A LUGUANG-EGP50A Datasheet
215Kb / 2P
High Efficiency Rectifiers
HER601 LUGUANG-HER601 Datasheet
290Kb / 2P
High Efficiency Rectifiers
logo
Microdiode Semiconducto...
1H2 CHENDA-1H2 Datasheet
74Kb / 2P
HIGH EFFICIENCY RECTIFIERS
logo
Digitron Semiconductors
1N5802 DIGITRON-1N5802 Datasheet
573Kb / 4P
RECTIFIERS HIGH EFFICIENCY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com