Electronic Components Datasheet Search
  English  ▼

X  

OPTO22 Datasheet(PDF) 1 Page - Opto Electronics Co,. LTD

Part # OPTO22
Description  MOUNTING RACKS CLASSIC QUAD PAK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

OPTO22 Datasheet(HTML) 1 Page - Opto Electronics Co,. LTD

  OPTO22 Datasheet HTML 1Page - Opto Electronics Co,. LTD OPTO22 Datasheet HTML 2Page - Opto Electronics Co,. LTD OPTO22 Datasheet HTML 3Page - Opto Electronics Co,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOUNTING RACKS
CLASSIC
QUAD PAK
page 1/4
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • Phone: (951) 695-3000 • (800) 321-OPTO • Fax: (951) 695-3095 • www.opto22.com
Inside Sales: (800) 321-OPTO • Product Support: (800)TEK-OPTO • (951) 695-3080 • Fax: (951) 695-3017 • E-mail: sales@opto22.com
Form 994-091019
DATA SHEET
Description
The PB32HQ I/O mounting rack is
designed to mate with the PAMUX 32
channel Brain Board (P/N B4). The PB32HQ
I/O mounting rack accommodates up to
eight Quad Pak I/O modules for a total of
32 channels of power I/O. The B4 Brain
Board plugs into a box connector on the
I/O mounting rack and is secured by
vertical card guides.
Schematic
Specifications
Operating Temperature
0° to 70°
95% relative humidity, non-condensing
Interface Connectors:
Field
Logic
Host
System
6-32 screw terminals for wires connecting the rack to field devices
70-pin box connector for brain
50-pin header connector for ribbon cable to host
50-pin header connector for ribbon cable to next rack or for termination
card on last rack
Part
Number
Description
PB32HQ
Quad 8-Module Rack with Header Connector for B4 Brain


Similar Part No. - OPTO22

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
OPTO-0024 MICRO-ELECTRONICS-OPTO-0024 Datasheet
49Kb / 2P
DISPLAY MODE: TN, POSITIVE , DISPLAY FORMAT: 16 CHARACTER X 2 LINE
logo
Purdy Electronics Corpo...
OPTO-232C PURDY-OPTO-232C Datasheet
579Kb / 1P
4 Channels Modems
OPTO-232SL PURDY-OPTO-232SL Datasheet
632Kb / 1P
switchable modems
logo
List of Unclassifed Man...
OPTO-3001 ETC1-OPTO-3001 Datasheet
29Kb / 1P
DIGITAL DATA LICKS (660 & 800 nm)
OPTO-3001A ETC1-OPTO-3001A Datasheet
29Kb / 1P
DIGITAL DATA LICKS (660 & 800 nm)
More results

Similar Description - OPTO22

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP220 ALTERA-EP220 Datasheet
398Kb / 16P
Classic EPLDs
logo
Grayhill, Inc
70GRCM32-HL GRAYHILL-70GRCM32-HL Datasheet
540Kb / 2P
RACKS 32 Channel
70MRCQ24-EC GRAYHILL-70MRCQ24-EC Datasheet
610Kb / 3P
RACKS 24 Channel
70RCK4 GRAYHILL-70RCK4 Datasheet
387Kb / 2P
RACKS 4 Channel
70RCK8 GRAYHILL-70RCK8 Datasheet
697Kb / 5P
RACKS 8 Channel
logo
OSRAM GmbH
CLASSICA7512W OSRAM-CLASSICA7512W Datasheet
189Kb / 4P
PARATHOM CLASSIC A | LED lamps, classic bulb shape
logo
Kendall Howard
1916-2-100-2 KENDALLHOWARD-1916-2-100-2 Datasheet
893Kb / 2P
V-RACKS
1916-2-100-4 KENDALLHOWARD-1916-2-100-4 Datasheet
893Kb / 2P
V-RACKS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com