Electronic Components Datasheet Search
  English  ▼

X  

ELP Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # ELP
Description  Electronic Locking Handle with Proximity
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

ELP Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  ELP Datasheet HTML 1Page - Hammond Manufacturing Ltd. ELP Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electronic Locking Handle with Proximity ELP Series
For Use with CL Cabinets
The Electronic Locking Swing handle provides intelligent electronic locking and
monitoring capabilities now with integrated 125kHz proximity card reader and
Wiegand or RS-232 output. The output can be connected to a standalone
controller or it can be connected to an existing networked access control
system for remote control, monitoring and reporting.
Alternatively, the Electronic Swing handle can provide access control to
networked rack control and monitoring systems for addressable remote
access control over the internet. Integrated lock sensors provide local LED
indication plus generate output signals for remote access monitoring.
Features
Remote lock and unlock.
Single or multi-point.
Low power, gear motor driven mechanism.
Momentary or continuous lock actuation.
High Security DIN lock manual override.
Directly integrates with industry standard rack monitoring and access
control systems.
Fits industry standard panel preparations.
Integrated sensors detect lock and handle status for network control,
monitoring and alarm functions.
Accommodates both left and right doors.
Ships with three (3) keys.
Proximity Reader Specifications
Supply voltage: 12VDC to 24VDC
Operating current: 20mA Max
Transmit frequency: 125kHz FSK
DATA Signal voltage: 5VDC
DATA Pulse interval time: 40μs
DATA Signal Delay: 2ms
Specifications
Housing, handle, mounting bracket constructed of black glass-filled
nylon.
Shaft and rotation limiter constructed of die-cast zinc, bright sealer.
Electronic Handle IS RoHS EU Directive 2002/95/EC compliant.
Recommended operating voltage: 12VDC to 24VDC.
Typical operating current: Less than 200mA at 12VDC.
Peak/stall operating current: 1 Amp.
Standby current: 50mA Max.
Output signal rating: 200mA Max. load.
Stock compatibility with Hammond CL Series Cabinets. For compatibility
Des produits de qualité. L'excellence du service.


Similar Part No. - ELP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
ELP GREYSTONE-ELP Datasheet
573Kb / 2P
LOW PRESSURE TRANSMITTER
logo
Leadshine Technology Co...
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
ELP Series AC Servo Drive
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
LED - Lamp
logo
Mean Well Enterprises C...
ELP-75 MEANWELL-ELP-75 Datasheet
731Kb / 2P
75W Single Output with PFC Function
ELP-75-12 MEANWELL-ELP-75-12 Datasheet
731Kb / 2P
75W Single Output with PFC Function
More results

Similar Description - ELP

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
BAS-5107 BUD-BAS-5107 Datasheet
34Kb / 1P
SLIDE MOUNTING BRACKET, NON-LOCKING LATCH HANDLE ASSEMBLY
H-9160 BUD-H-9160 Datasheet
36Kb / 1P
HANDLE
H-9170 BUD-H-9170 Datasheet
40Kb / 1P
HANDLE
logo
List of Unclassifed Man...
BU-60H-0 ETC2-BU-60H-0 Datasheet
136Kb / 1P
Alligator Clip with Acetate Handle
H-9161-B ETC2-H-9161-B Datasheet
38Kb / 2P
HANDLE
H-9177-B ETC2-H-9177-B Datasheet
95Kb / 1P
HANDLE
logo
Adam Technologies, Inc.
MSBH-G-H105 ADAM-TECH-MSBH-G-H105 Datasheet
67Kb / 1P
MINI SHUNT WITH HANDLE HEIGHT
logo
List of Unclassifed Man...
BU-60H ETC2-BU-60H Datasheet
150Kb / 1P
Alligator Clip with Handle
3090-J ETC2-3090-J Datasheet
77Kb / 1P
HANDLE
logo
PHOENIX CONTACT
102895 PHOENIX-102895 Datasheet
191Kb / 3P
PLC Electronic Sensor Terminal Blocks for NAMUR Proximity Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com