Electronic Components Datasheet Search
  English  ▼

X  

UES702 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # UES702
Description  ULTRA FAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

UES702 Datasheet(HTML) 1 Page - Digitron Semiconductors

  UES702 Datasheet HTML 1Page - Digitron Semiconductors UES702 Datasheet HTML 2Page - Digitron Semiconductors UES702 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
UES701-UES703
ULTRA FAST RECOVERY RECTIFIERS
MAXIMUM RATINGS
Rating
Symbol
UES701
UES702
UES703
Unit
Working peak reverse voltage
VRWM
50
100
150
V
Repetitive peak reverse voltage
VRRM
50
100
150
V
Maximum average DC output current @ TC = 100°C
ID
25
A
Non-repetitive sinusoidal surge current (8.3ms)
IFSM
400
A
RMS forward current
IF(RMS)
40
A
Thermal resistance, junction to case
R
ӨJC
1.5
°C/W
Junction and storage temperature range
TJ, Tstg
-55 to +175
°C
ELECTRICAL CHARACTERISTICS
Maximum forward voltage
@ IF = 25A
Maximum reverse current
@ VRWM
Maximum reverse
recovery time(1)
VF
IR
TC = 25°C
TC = 125°C
TC = 25°C
TC = 125°C
trr
Part number
Volts
Volts
µA
mA
ns
UES701
0.95
0.825
20
4
35
UES702
0.95
0.825
20
4
35
UES703
0.95
0.825
20
4
35
Note 1: Measured in circuit IF = 0.5A, IR = 1A, IREC = 0.25A.
MECHANICAL CHARACTERISTICS
Case
DO-4(R)
Marking
Alpha numeric
Normal polarity
Cathode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-4(R)
Inches
Millimeters
Min
Max
Min
Max
A
-
0.078
-
1.981
B
0.422
0.453
10.719
11.506
C
-
0.405
-
10.287
D
-
0.800
-
20.320
E
0.420
0.440
10.668
11.176
F
-
0.250
-
6.350
G
-
0.424
-
10.770
H
0.066
-
1.676
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121128


Similar Part No. - UES702

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UES702 MICROSEMI-UES702 Datasheet
117Kb / 3P
RECTIFIERS
UES702 MICROSEMI-UES702 Datasheet
319Kb / 6P
ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
Rev. 2
UES702HR2 MICROSEMI-UES702HR2 Datasheet
319Kb / 6P
ULTRAFAST RECTIFIERS, High Efficiency 25A and 30A
Rev. 2
More results

Similar Description - UES702

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5812 MICROSEMI-1N5812 Datasheet
114Kb / 1P
ULTRA FAST RECOVERY RECTIFIERS
UFS110J MICROSEMI-UFS110J Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS330 MICROSEMI-UFS330 Datasheet
97Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFS530 MICROSEMI-UFS530 Datasheet
97Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
logo
Comchip Technology
UF3001-G COMCHIP-UF3001-G Datasheet
80Kb / 3P
Ultra Fast Recovery Rectifiers
UF3001-HF COMCHIP-UF3001-HF Datasheet
80Kb / 3P
Ultra Fast Recovery Rectifiers
logo
New Jersey Semi-Conduct...
10DF1 NJSEMI-10DF1 Datasheet
61Kb / 1P
Rectifiers Ultra-Fast Recovery
logo
Digitron Semiconductors
1N6616 DIGITRON-1N6616 Datasheet
110Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CR8U-02FP CENTRAL-CR8U-02FP_15 Datasheet
475Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
logo
Dongguan City Niuhang E...
MUR6020PT NIUHANG-MUR6020PT Datasheet
305Kb / 3P
ULTRA FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com