Electronic Components Datasheet Search
  English  ▼

X  

T2802D Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # T2802D
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

T2802D Datasheet(HTML) 2 Page - Digitron Semiconductors

  T2802D Datasheet HTML 1Page - Digitron Semiconductors T2802D Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
T2802 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Characteristic
Symbol
Min
Typ
Max
Unit
Critical rate of rise of off-state voltage
(Rated VDRM, exponential voltage rise, gate open, TC = 100°C)
T2802B
T2802C
T2802D
T2802E
T2802M
dv/dt
100
85
75
65
60
-
-
-
-
-
-
-
-
-
-
V/µs
MECHANICAL CHARACTERISTICS
Case
TO-220AB
Marking
Alpha-numeric
Pin out
See below
sales@digitroncorp.com
TO-220AB
Inches
Millimeters
Min
Max
Min
Max
A
0.575
0.620
14.600
15.750
B
0.380
0.405
9.650
10.290
C
0.160
0.190
4.060
4.820
D
0.025
0.035
0.640
0.890
F
0.142
0.147
3.610
3.730
G
0.095
0.105
2.410
2.670
H
0.110
0.155
2.790
3.930
J
0.014
0.022
0.360
0.560
K
0.500
0.562
12.700
14.270
L
0.045
0.055
1.140
1.390
N
0.190
0.210
4.830
5.330
Q
0.100
0.120
2.540
3.040
R
0.080
0.110
2.040
2.790
S
0.045
0.055
1.140
1.390
T
0.235
0.255
5.970
6.480
U
-
0.050
-
1.270
V
0.045
-
1.140
-
Z
-
0.080
-
2.030
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130206



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com