Electronic Components Datasheet Search
  English  ▼

X  

T2801D Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # T2801D
Description  BIDIRECTIONAL TRIODE THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

T2801D Datasheet(HTML) 1 Page - Digitron Semiconductors

  T2801D Datasheet HTML 1Page - Digitron Semiconductors T2801D Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
T2801 SERIES
BIDIRECTIONAL TRIODE THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Repetitive peak off-stage voltage(1)
(TJ = -40 to +100°C, gate open)
T2801B
T2801C
T2801D
T2801E
T2801M
VDRM
200
300
400
500
600
Volts
RMS on-state current (conduction angle = 360°, TC = 80°C)
IT(RMS)
6
Amps
Peak non-repetitive surge current (One Cycle, 60Hz)
ITSM
80
Amps
Circuit fusing considerations
(TJ = -40 to +100°C, t = 1 to 8.3ms)
I2t
35
A2s
Peak gate power (pulse width = 2.0µs, TC = 80°C)
PGM
16
Watts
Average gate power (TC = 80°C, t = 8.3ms)
PG(AV)
0.35
Watts
Peak trigger current (pulse width = 1.0µs)
IGM
4
Amps
Operating junction temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +150
°C
Note 1: Ratings apply for open gate conditions. Thyristor devices shall not be tested with a constant current source for blocking capability such that the voltage applied exceeds the
rated blocking voltage.
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max
Unit
Thermal resistance, junction to case
RӨJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C, either polarity of MT2 to MT1 voltage unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak off state current
(Rated VDRM @ TJ = 100°C)
IDRM
-
-
2
mA
Peak on-state voltage
(ITM = 30A peak, pulse width = 1 to 2ms, duty cycle ≤ 2%)
VTM
-
2
3
Volts
DC gate trigger current (continuous dc)(2)
(VD = 12V, RL = 12Ω)
IGT
-
25
80
mA
DC gate trigger voltage (continuous dc) (2)
(VD = 12V, RL = 12Ω)
(VD = VDRM, RL = 125Ω, TC = 100°C)
VGT
-
0.2
1.5
-
4
-
Volts
Holding current (either direction)
(VD = 12V, gate open, IT = 150mA)
IH
-
100
-
mA
Gate controlled turn on time(2)
(VD = Rated VDRM, IT = 10A, IGT = 80mA, rise time = 0.1µs)
tgt
-
2.2
-
µs
Critical rate of rise of commutating voltage
(Rated VDRM, IT(RMS) = 6A, commutating di/dt = 4.3A/ms, gate unenergized, TC = 80°C)
dv/dt(c)
-
10
-
V/µs
Critical rate of rise of off-state voltage
(Rated VDRM, exponential voltage rise, gate open, TC = 100°C)
T2801B
T2801C
T2801D
T2801E
dv/dt
50
40
30
20
-
-
-
-
-
-
-
-
V/µs
Note 2: Applies for MT2(+), G(+); MT2(-), G (-)
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130206


Similar Part No. - T2801D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2801 ATMEL-T2801 Datasheet
241Kb / 27P
DECT Single-Chip Transceiver
T2801-PLH ATMEL-T2801-PLH Datasheet
241Kb / 27P
DECT Single-Chip Transceiver
T2801-PLQ ATMEL-T2801-PLQ Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
T2801 ATMEL-T2801_06 Datasheet
499Kb / 31P
DECT Single-Chip Transceiver
T2801 ATMEL-T2801_97 Datasheet
523Kb / 29P
Supply Voltage Range 3 V to 4.6 V (Unregulated)
More results

Similar Description - T2801D

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
T6411 DIGITRON-T6411 Datasheet
268Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T6401 DIGITRON-T6401 Datasheet
269Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T4120 DIGITRON-T4120 Datasheet
142Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2802 DIGITRON-T2802 Datasheet
144Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2800 DIGITRON-T2800 Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
T2500 DIGITRON-T2500 Datasheet
122Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC149 DIGITRON-SC149 Datasheet
128Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC146 DIGITRON-SC146 Datasheet
231Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
SC136 DIGITRON-SC136 Datasheet
147Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
MAC6400 DIGITRON-MAC6400 Datasheet
147Kb / 3P
BIDIRECTIONAL TRIODE THYRISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com