Electronic Components Datasheet Search
  English  ▼

X  

T2322M Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # T2322M
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

T2322M Datasheet(HTML) 2 Page - Digitron Semiconductors

  T2322M Datasheet HTML 1Page - Digitron Semiconductors T2322M Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
T2322, T2323 SERIES
SILICON BIDIRECTIONAL THYRISTORS
SENSITIVE GATE TRIACS
2.5 AMPERES RMS; 50 THROUGH 600 VOLTS
Critical Rate of Rise of Commutation Voltage
(VD = Rated VDRM, ITM = 3.5 A pk, Commutating
di/dt = 1.26 A/ms, Gate Unenergized, TC = 90°C
dv/dt(c)
1.0
4.0
-
V/µs
Note 1: VDRM for all types can be applied on a continuous basis. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are
exceeded.
Note 2: Torque rating applies with use of torque washer. Mounting Torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal resistance. Main terminal 2 and
heat-sink contact pad are common. For soldering purposes (either terminal connection or device mounting), soldering temperatures shall not exceed +200°C, for 10 seconds.
Note 3: Pulse Test: Pulse Width ≤ 300ms, Duty Cycle ≤ 2%.
MECHANICAL CHARACTERISTICS
Case
TO-126
Marking
Alpha-numeric
Pin out
See below
TO-126
Inches
Millimeters
Min
Max
Min
Max
A
0.425
0.435
10.80
11.050
B
0.295
0.305
7.490
7.750
C
0.095
0.105
2.410
2.670
D
0.020
0.026
0.510
0.660
F
0.115
0.125
2.920
3.180
G
0.091
0.097
2.310
2.460
H
0.050
0.095
1.270
2.410
J
0.015
0.025
0.380
0.640
K
0.595
0.655
15.110
16.640
M
3° TYP
3° TYP
Q
0.148
0.158
3.760
4.010
R
0.045
0.055
1.140
1.400
S
0.025
0.035
0.640
0.890
U
0.145
0.155
3.680
3.940
V
0.040
-
1.020
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Revised: 20130201



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com