Electronic Components Datasheet Search
  English  ▼

X  

STBB2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBB2
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2 Datasheet(HTML) 1 Page - STMicroelectronics

  STBB2 Datasheet HTML 1Page - STMicroelectronics STBB2 Datasheet HTML 2Page - STMicroelectronics STBB2 Datasheet HTML 3Page - STMicroelectronics STBB2 Datasheet HTML 4Page - STMicroelectronics STBB2 Datasheet HTML 5Page - STMicroelectronics STBB2 Datasheet HTML 6Page - STMicroelectronics STBB2 Datasheet HTML 7Page - STMicroelectronics STBB2 Datasheet HTML 8Page - STMicroelectronics STBB2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
February 2014
DocID022745 Rev 9
1/25
25
STBB2
800 mA 2.5 MHz, high efficiency dual mode
buck-boost DC-DC converter
Datasheet
- production data
Features
• Operating input voltage range from 2.4 V to
5.5 V
• ± 2% output voltage tolerance over process
and temperature variations
• Bypass power save function
• Selectable output voltage with dedicated VSEL
pin
• Very fast line and load transients
• 2.5 MHz switching frequency
• Power save mode (PS) at light load
• Typical efficiency higher than 90%
• 50 µA max. quiescent current
• Flip Chip 20 bumps 0.4 mm pitch 2.1 x 1.8 mm
Applications
• Memory card supply
• Cellular phones
Description
The STBB2 is a fixed frequency, high efficiency,
buck-boost DC-DC converter which provides
output voltages from 1.2 V to 4.5 V starting from
input voltage from 2.4 V to 5.5 V. The device can
operate with input voltages higher than, equal to,
or lower than the output voltage making the
product suitable for single Li-Ion, multi-cell
alkaline or NiMH applications where the output
voltage is within the battery voltage range. The
low-RDS(on) N-channel and P-channel MOSFET
switches are integrated and help to achieve high
efficiency. The MODE pin allows the selection
between auto mode and forced PWM mode,
taking advantage from either lower power
consumption or best dynamic performance. The
bypass function allows the battery power saving.
In this operating mode, the high-side switches are
turned on so that the output voltage is equal to the
input voltage; in this condition the current
consumption is reduced to a maximum of 5 µA.
The device also includes soft-start control,
thermal shutdown, and current limit. The STBB2
is packaged in Flip Chip 20 bumps with 0.4 mm
pitch.
Flip Chip 20 (2.1 x 1.8 mm)
Table 1. Device summary
Order codes
Markings
Packaging
Output voltages
STBB2JAD-R
BB2
Tape and reel
Adjustable
STBB2J29-R
B229
Tape and reel
2.9 V / 3.4 V
STBB2J30-R
B230
Tape and reel
3.0 V / 3.3 V
www.st.com


Similar Part No. - STBB2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
STBB010 EIC-STBB010 Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB011 EIC-STBB011 Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB012 EIC-STBB012 Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB013 EIC-STBB013 Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
STBB015 EIC-STBB015 Datasheet
73Kb / 4P
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - STBB2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Analog Devices
ADP2503 AD-ADP2503 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converter
Rev. PrB
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STEVAL-ISA109V1 STMICROELECTRONICS-STEVAL-ISA109V1 Datasheet
78Kb / 4P
800 mA, 3 MHz, high efficiency dual mode buck-boost DC-DC converter based on the STBB2 Data brief
STEVAL-ISA109V2 STMICROELECTRONICS-STEVAL-ISA109V2 Datasheet
249Kb / 4P
800 mA, 3 MHz, adjustable output high efficiency dual-mode buck-boost DC-DC converter based on the STBB2
16-Apr-2013
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
Analog Devices
ADP2503 AD-ADP2503_V01 Datasheet
1Mb / 16P
600 mA/1000 mA, 2.5 MHz Buck-Boost DC-to-DC Converters
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com