Electronic Components Datasheet Search
  English  ▼

X  

STF31N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF31N65M5
Description  N-channel 650 V, 0.124 typ., 22 A MDmesh V Power MOSFET in D2PAK, TO-220FP, I2PakFP, TO-220 and TO-247 packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF31N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF31N65M5 Datasheet HTML 1Page - STMicroelectronics STF31N65M5 Datasheet HTML 2Page - STMicroelectronics STF31N65M5 Datasheet HTML 3Page - STMicroelectronics STF31N65M5 Datasheet HTML 4Page - STMicroelectronics STF31N65M5 Datasheet HTML 5Page - STMicroelectronics STF31N65M5 Datasheet HTML 6Page - STMicroelectronics STF31N65M5 Datasheet HTML 7Page - STMicroelectronics STF31N65M5 Datasheet HTML 8Page - STMicroelectronics STF31N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Electrical ratings
STB31N65M5, STF31N65M5, STFI31N65M5, STP31N65M5, STW31N65M5
4/25
DocID022848 Rev 3
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
I
AR
Avalanche current, repetetive or not repetetive
(pulse width limited by T
jmax
)
5A
E
AS
Single pulse avalanche energy (starting t
j
=25°C,
I
d
= I
AR
; V
dd
=50)
410
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com