Electronic Components Datasheet Search
  English  ▼

X  

STF40N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF40N20
Description  N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF40N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STF40N20 Datasheet HTML 1Page - STMicroelectronics STF40N20 Datasheet HTML 2Page - STMicroelectronics STF40N20 Datasheet HTML 3Page - STMicroelectronics STF40N20 Datasheet HTML 4Page - STMicroelectronics STF40N20 Datasheet HTML 5Page - STMicroelectronics STF40N20 Datasheet HTML 6Page - STMicroelectronics STF40N20 Datasheet HTML 7Page - STMicroelectronics STF40N20 Datasheet HTML 8Page - STMicroelectronics STF40N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2006
Rev 5
1/18
18
STP40N20 - STF40N20
STB40N20 - STW40N20
N-channel 200V - 0.038
Ω -40A- D2PAK/TO-220/TO-220FP/TO-247
Low gate charge STripFET™ Power MOSFET
General features
■ Gate charge minimized
■ Very low intrinsic capacitances
■ Very good manufacturing repeatibility
■ Excellent figure of merit (RDS*Qg)
■ 100% avalanche tested
Description
This MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
PW
STB40N20
200V
<0.045
Ω
40A
160W
STP40N20
200V
<0.045
Ω
40A
160W
STP40N20FP
200V
<0.045
Ω
40A
160W
STW40N20
200V
<0.045
Ω
40A
40W
D2PAK
1
2
3
1
3
TO-247
TO-220
1
2
3
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB40N20
B40N20
D2PAK
Tape & reel
STP40N20
P40N20
TO-220
Tube
STP40N20FP
P40N20
TO-220FP
Tube
STW40N20
W40N20
TO-247
Tube
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STF40N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF40N20 ISC-STF40N20 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF40N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
May-2002
STP35NF10 STMICROELECTRONICS-STP35NF10 Datasheet
466Kb / 10P
N-CHANNEL 100V - 0.030ohm - 40A TO-220 / D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2003
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
17-Apr-2007
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com